Electronic Components Datasheet Search
  English  ▼

X  

LM2940 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LM2940
Description  1.25A High Current Low Dropout
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM2940 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LM2940 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM2940 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM2940 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM2940 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM2940 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Bay Linear, Inc 2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
LM2940/2941
APPLICATION HINTS
The Bay Linear LM2941 incorporates protection against over-current
faults, reversed load insertion, over temperature operation, and
positive and negative transient voltage. However, the use of an output
capacitor is required in order to insure the stability and the
performances.
Thermal Consideration
Although the LM2941 offers limiting circuitry for overload
conditions, it is necessary not to exceed the maximum junction
temperature, and therefore to be careful about thermal resistance. The
heat flow will follow the lowest resistance path, which is the Junction-
to-case thermal resistance. In order to insure the best thermal flow of
the component, a proper mounting is required. Note that the case of
the device is electrically connected to the output. The
case has to be electrically isolated, a thermally conductive spacer can
be used. However do not forget to consider its contribution to thermal
resistance.
Assuming:
VIN = 10V, VOUT = 5V, IOUT = 1.5A, TA = 90°C, θCASE= 1°C/W (no
external heat sink, no wind)
Power dissipation under these conditions
PD = (VIN – VOUT) * IOUT = 7.5W
Junction Temperature
TJ = TA + PD * (θCASE+ θJC)
For the Control Section
TJ = 90°C + 7.5W*(1°C/W + 0.6°C/W) = 102°C
114
°C < TJUNCTION MAX for the control section.
For the Power Section
TJ = 90°C + 7.5W*(1°C/W + 1.6°C/W) = 104.5°C
109.5
°C < TJUNCTION MAX for the power transistor.
In both case reliable operation is insured by adequate junction
temperature.
Capacitor Requirements
The output capacitor is needed for stability and to minimize the output
noise. The required value of the capacitor varies with the load.
However, a minimum value of 10
µF Aluminum will guarantee
stability over load. A tantalum capacitor is recommended for a fast
load transient response.
If the power source has high AC impedance, a 0.1
µF capacitor
between input & ground is recommended. This capacitor should have
good characteristics up to 250 kHz.
Minimum Load Current
To ensure a proper behavior of the regulator at light load, a
minimum load of 5mA for LM2941 is required.
Adjustable Regulator Design
B29152/53 are adjustable regulators and maybe programmed for
any value between 1.25V and 26V using two resistors. The relation
between the resistors is given by:
R1=R2 (VOUT/1.240 –1)
Resistors have a large value up to 1m
Ω in order to reduce the
current consumption. This might be interesting in the case of
widely varying load currents.
Enable Input
LM2941 features enable input allowing turning ON & OFF the
device. EN has been designed to be compatible with TTL/CMOS
logic. When the regulator is ON, the current flowing through this
pin is approximately 20
µA.
4
5
3
2
1
BAY
B2941
V
OUT
V
IN
R
1
R
2
Fig. 2 Adjustable Output Voltage Regulator
V
OUT = VREF X [1 + (R1/
R
2)]
For best results, the total series resistance should be small
enough to pass the minimum regulator load current
4
5
3
2
1
BAY
B2941
V
OUT
V
IN
R
1
R
2
Fig. 2 Adjustable Output Voltage Regulator
V
OUT = VREF X [1 + (R1/
R
2)]
For best results, the total series resistance should be small
enough to pass the minimum regulator load current
BAY
B2940
Fig.1 Basic Fixed Output Regulator
V OU
T
V
IN
BAY
B2940
Fig.1 Basic Fixed Output Regulator
V OU
T
V
IN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com