Electronic Components Datasheet Search
  English  ▼

X  

OV7261 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV7261
Description  supports 2x2 monochrome binning
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV7261 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV7261 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV7261 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
¬
Occupant Detection
Driver Monitor
Vehicle Entry
¬
¬
Stereo Vision
Gesture Control
Applications
¬
¬
¬
¬
¬
¬
¬
3 µm x 3 µm pixel with
OmniPixel3-GS™ technology
automatic black level calibration (ABLC)
programmable controls for frame rate,
mirror and flip, cropping and windowing
support output formats: 8/10-bit RAW
support for image sizes: 640x480,
320x240, 160x120
fast mode switching
supports horizontal and vertical 2:1 and
4:1 monochrome subsampling
supports 2x2 monochrome binning
one-lane MIPI serial output interface
one-lane LVDS serial output interface
embedded 256 bits of one-time
programmable (OTP) memory for
part identification
two on-chip phase lock loops (PLLs)
built-in 1.5V regulator for core
PWM
built-in strobe control
¬
¬
¬
¬
¬
¬
¬
¬
Product Features
Functional Block Diagram
¬
OV07261-N35Y-MA
(B&W, lead-free, 35-pin a-CSP™
packed in tray with protective film,
tab in top right direction)
¬
OV07261-N35Y-NA
(B&W, lead-free, 35-pin a-CSP™
packed in tape & reel with protective
film, tab in top right direction)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
active array size: 640 x 480
power supply:
- core: 1.5V (optional)
- analog: 2.8V (nominal)
- I/O: 1.8V (nominal)
power requirements:
- active: 117 mW (VGA @ 100 fps)
- standby: 15 µA for AVDD,
40 µA for DOVDD without input clock,
700 µA for DOVDD with input clock
- XSHUTDOWN: 5 µA for AVDD,
5 µA for DOVDD
temperature range:
- operating: -40°C to +105°C ambient
temperature and -40°C to +125°C
junction temperature
output interface: 1-lane MIPI/LVDS
serial output
output formats: 10-bit B&W RAW
lens size: 1/7.5"
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
input clock frequency: 6 ~ 27 MHz
lens chief ray angle: 29° non-linear
max S/N ratio: 38 dB
dynamic range: 69.6 dB @ 8x gain
maximum image transfer rate:
- 640x480: 100 fps
sensitivity:
- 10,800 mV/(µW.cm-2.sec) @ 850 nm
scan mode: progressive
maximum exposure interval: 502 x tROW
pixel size: 3 µm x 3 µm
dark current: 350 e-/s
@ 50°C junction temperature
image area: 1968 µm x 1488 µm
package dimensions:
- a-CSP™: 3910 µm x 3410 µm
Product Specifications
Version 1.2, June, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and the OmniVision logo are registered trademarks of
OmniVision Technologies, Inc. OmniPixel3-GS and a-CSP are trademarks of OmniVision
Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV7261
OV7261
image sensor array
output
interface
column
sample/hold
PLL
control register bank
regulator
SCCB slave interface
system control logic
timing generator
gain
control
MCP/N
MDP/N
image
array
AMP
10-bit
ADC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com