Electronic Components Datasheet Search
  English  ▼

X  

HD700 Datasheet(PDF) 2 Page - A-Data Technology

Part # HD700
Description  G Shock Sensor Protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

HD700 Datasheet(HTML) 2 Page - A-Data Technology

  HD700 Datasheet HTML 1Page - A-Data Technology HD700 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
G Shock Sensor Protection
Shock Sensor Protection helps protect your data. If
your HD700 suffers a severe shock from being struck,
Shock Sensor Protection automatically starts up and
displays a flashing red light. When the shock has
passed, a solid or flashing blue light displays indicating
normal operation has resumed.
Features
● Dust/Water proof (IP56)
● Military-grade shockproof
● Triple-layer protection
● Two-tone design with durable silicon
shell and patterned center
Specifications
● Interface: USB 3.0
● Capacity: 1TB/2TB
● Color: Blue/Black
● Dimensions (L x W x H): 133 x 88 x 22mm
● Weight: 220g(7.8oz)
● Warranty: 3 year
Triple-layered for military-spec shock
resistance
The HD700’s enclosure is further wrapped in a tough
silicone coat. All told, there are three layers of physical
protection:
the
inner
cushioned
mounting,
the
shock-resistant plastic enclosure, and the removable
silicone/rubber layer. The internal structure is made of just
the drive and the mounts to reduce the number of
shock-prone parts. The HD700 can easily withstand
accidental drops or impacts from your activities, as it meets
MIL-STD-810G 516.6 requirements.
Ordering Information
Capacity
Model Number
EAN Code
1TB
■ AHD700-1TU3-CBL
4712366966031
1TB
■ AHD700-1TU3-CBK
4712366966017
2TB
■ AHD700-2TU3-CBL
4712366966048
2TB
■ AHD700-2TU3-CBK
4712366966024



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com