Electronic Components Datasheet Search
  English  ▼

X  

HD710M Datasheet(PDF) 2 Page - A-Data Technology

Part # HD710M
Description  Waterproof
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

HD710M Datasheet(HTML) 2 Page - A-Data Technology

  HD710M Datasheet HTML 1Page - A-Data Technology HD710M Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NO SHELLSHOCK HERE
To
achieve
military-grade
shockproofing,
our
engineers employ triple-layer construction and tough
silicone that can withstand even extreme drops,
shocks, and knocks. We test the HD710M to US Army
MIL-STD-810G 516.6 specifications and beyond to
ensure
it
protects
your
content
with
an
impact-resistant design. Scale the tallest mountains
with confidence.
Features
● Military-grad shockproofing matched by woodland camo
design
●
Waterproof (IPX8 standard: Submerged to 1.5
meters for 60 minutes)
●
Dustproof (IP6X standard: Totally protected against
dust)
● Military-grade Shockproof (1.8m drop test than the
standard of MIL-STD-810G 516.6)
●
High-end silicone case with carbon fiber-like pattern
Specifications
● Interface: USB3.0, backward compatible with USB 2.0
● Color: Camouflage
● Capacity: 1TB / 2TB
● Dimensions (L x W x H):
132.0 x 99.0 x 22.0 mm (5.2 x 3.9 x 0.8 inch)
● Weight: 220g (7.8oz)
● Warranty: 3 years
TOUGH BUT CONSIDERAT
The HD710M may be all about ruggedness, but it
certainly keeps comfort in mind. The included USB
cable gets you connected at USB 3.0 speeds plus
fits snugly into a wraparound groove for easy wire
management and hassle-free mess removal.
That’s being ready for inspection!
Ordering Information
Capacity
Model Number
EAN Code
1TB
AHD710M-1TU3-CCF
4712366964921
2TB
AHD710M-2TU3-CCF
4712366964938



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com