Electronic Components Datasheet Search
  English  ▼

X  

SD600 Datasheet(PDF) 2 Page - A-Data Technology

Part # SD600
Description  Sprint ahead with high performance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

SD600 Datasheet(HTML) 2 Page - A-Data Technology

  SD600 Datasheet HTML 1Page - A-Data Technology SD600 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Not afraid to look down
We made the SD600 highly shock and drop
resistance to free you from worries and help you
keep active.
Features
● Read/write speed up to 440/430 MB/s
● With 3D NAND TLC Flash
● Intelligent SLC Caching and DRAM Cache
Buffer
● Supports Windows, Mac OS, Android, Xbox
one, PS4 consoles
● Lighter, quieter, shock resistant, and more
durable than external HDDs
● Portable slim and sporty design
Specifications
● Interface: USB 3.1
● Capacity: 256GB / 512GB
● Color: Red / Black
● Dimensions (L x W x H):
80 x 80 x 15.2 mm / 3.15 x 3.15 x 0.6"
● Weight: 90g(3.2oz)
● Warranty: 3 years
Boundary-crossing compatibility
The SD600 is driver-free compatible with Windows PCs,
laptops and desktops. It works out of the box with Android
devices and even Xbox and PS4 consoles.
Ordering Information
Capacity
Model Number
EAN Code
256GB
■ASD600-256GU31-CRD
4712366969704
512GB
■ASD600-512GU31-CRD
4712366969711
256GB
■ASD600-256GU31-CBK
4712366969735
512GB
■ASD600-512GU31-CBK
4712366969742



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com