Electronic Components Datasheet Search
  English  ▼

X  

LT505 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LT505
Description  Low Current, Peak Limiting Class A Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LT505 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LT505 Datasheet HTML 1Page - List of Unclassifed Manufacturers LT505 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
+
S1
7
2
33 K
V
B
= 1.3 VDC
R
B
= 4.7
2.2
+
S2
10
5
3
Fig. 1 Test Circuit
All external resistors in ohms, all capacitors in
µF unless otherwise stated
200 k
1.1
6 K
1 kHz
R
VC
= 56.2 K
2.2 K
+
_
200
HAMMOND
99966
4
8
6
100
1
R
S
= 3.9 K
0.33
50
Ω
V
O
1
4
5
8
ELECTRICAL CHARACTERISTICS
All switches remain as shown in test circuit unless stated in conditions column. Conditions : V
CC
= 1.30 VDC , temperature 25˚ C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Gain
V
OUT
= 200 mV
RMS
Total Harmonic Dist.
V
OUT
= 200 mV
RMS
Amplifier Current
I
A
Transducer Current
I
L
Total Current
I
A
+
I
L
Input Referred Noise
Volume Control Range
R
VC
= 0 to 56.2 k
Ω (S1 -ON/OFF)
Battery Resist.Stability
R
B
= 22
Ω
Input Impedance (Pin 6)
Maximum Output
V
I
N
= 0.5 m V
RMS
(S2 - closed)
70
-
44
130
174
-
36
22
-
0.165
74
2.0
53
210
263
1.4
47
-
15
0.240
78
5.0
62
260
322
2.2
-
-
-
0.310
dB
%
µA
µA
µA
µV
RMS
dB
Ω
k
Ω
V
RMS
R
E
MPO
O / P
V
B
R
VC
I / P
GND
V
MIC
PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE/UNITS
Supply Voltage
3 V DC
Power Dissipation
25 mW
Operating Temperature Range
-10
°C to 40° C
CAUTION
CLASS 1 ESD SENSITIVITY
500 - 45 -10
2
DOCUMENT IDENTIFICATION:
DATA SHEET
The product is in production. Gennum reserves the right to make
changes at any time to improve reliability, function or design, in
order to provide the best product possible.
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
© Copyright April 1982 Gennum Corporation.
All rights reserved.
Printed in Canada.
REVISION NOTES:
Changes to standard packaging information.
GENNUM CORPORATION
MAILING ADDRESS:
P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996 Fax +1 (905) 632-2814
SHIPPING ADDRESS:
970 Fraser Drive, Burlington, Ontario, Canada L7L 5P5
GENNUM JAPAN CORPORATION
C-101, Miyamae Village, 2-10-42 Miyamae, Suginami-ku, Tokyo 168-0081,
Japan
Tel. +81 (3) 3334-7700 Fax: +81 (3) 3247-8839



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com