Electronic Components Datasheet Search
  English  ▼

X  

LT1716CS5 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1716CS5
Description  SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1716CS5 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1716CS5 Datasheet HTML 4Page - Linear Technology LT1716CS5 Datasheet HTML 5Page - Linear Technology LT1716CS5 Datasheet HTML 6Page - Linear Technology LT1716CS5 Datasheet HTML 7Page - Linear Technology LT1716CS5 Datasheet HTML 8Page - Linear Technology LT1716CS5 Datasheet HTML 9Page - Linear Technology LT1716CS5 Datasheet HTML 10Page - Linear Technology LT1716CS5 Datasheet HTML 11Page - Linear Technology LT1716CS5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LT1716
12
1716f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2002
LT/TP 0503 1K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1442
Dual Micropower Comparator and 1% Reference
1.182V
±1% Reference, ±10mVMAX Input Offset
LTC1540
Nanopower Comparator and 1% Reference
1.182V
±1% Reference, ±10mVMAX Input Offset
LT1634
Micropower Precision Shunt Reference
0.05%, 10
µA, 10ppm/°C Max Drift, 1.25V, 2.5V, 4.096V, 5V, MSOP,
SO-8, TO-92 Packages
LTC1921
Dual –48V Telecom Supply Monitor
Monitors Two Supplies and Fuses
LTC1998
Micropower Li-Ion Battery Monitor
1% Trip Point Adjustable from 2.5V to 3.25V
3V
+
–
4.5V TO 44V
LT1634-1.25
113k
1%
10M
1%
RS
1716 TA03
LT1716
OVERCURRENT
CMPD6263
11.8k
1%
10.7k
1%
4
3
1
5
2
IMAX =
0.1
RS
0.1
µF
LOAD
10M
1%
Overcurrent Flag
3V
+
–
0.1
Ω
CHARGE
CURRENT
681
Ω
1%
1M
1%
3V TO 44V
1716 TA04
LT1716
CHARGE
CMPD6263
681
Ω
1%
1M
1%
4
3
1
5
2
0.1
µF
LOAD
VCHARGER
+
–
Charge/Discharge Indicator
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com