Electronic Components Datasheet Search
  English  ▼

X  

LT3439 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3439
Description  Slew Rate Controlled Ultralow Noise1A Isolated DC/DC Transformer Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3439 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3439 Datasheet HTML 2Page - Linear Technology LT3439 Datasheet HTML 3Page - Linear Technology LT3439 Datasheet HTML 4Page - Linear Technology LT3439 Datasheet HTML 5Page - Linear Technology LT3439 Datasheet HTML 6Page - Linear Technology LT3439 Datasheet HTML 7Page - Linear Technology LT3439 Datasheet HTML 8Page - Linear Technology LT3439 Datasheet HTML 9Page - Linear Technology LT3439 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT3439
sn3439 3439fs
vary from 2.8V to 17.5V with very little change in device
performance. When the part is in shutdown mode, the
internal regulator is turned off, drawing less than 20
µA of
current from VIN.
Overcurrent Protection
A linearly controlled current limit circuit is provided to
protect the circuit from excessive currents and to facilitate
start-up into a highly capacitive load. Upon reaching cur-
rent limit, the switching cycle is not terminated, instead the
base drive to the output transistor is regulated to maintain
the maximum current over the entire switch cycle. Very high
power dissipation in the switches occurs during this mode
of operation. If the current limit is enabled for a long enough
period of time, over temperature protection shutdown will
be enabled to protect the device.
OPERATIO
Overtemperature Protection
When the IC has exceeded the maximum temperature the
part will trigger the overtemperature protection circuit
where both output drivers are turned off.
Undervoltage Lockout Protection
When VIN is below 2.55V the part will go into undervoltage
lockout mode where both output drivers are turned off.
No Load Operation
The operation of the supply is stable all the way down to
zero load and a preload is not required.
APPLICATIO S I FOR ATIO
Reducing EMI from switching power supplies has tradi-
tionally invoked fear in designers. Many switchers are
designed solely on efficiency and, as such, produce wave-
forms filled with high frequency harmonics that propagate
through the rest of the supply.
The LT3439 provides control of two of the primary vari-
ables for controlling EMI while switching inductive loads:
switch voltage slew rate and switch current slew rate. The
use of this part will reduce noise and EMI over conven-
tional switch mode controllers. Because these variables
are under control, a supply built with this part will exhibit
far less tendency to create EMI and less chance of running
into problems during production.
It is beyond the scope of this data sheet to get into EMI
fundamentals. AN70, “A Monolithic Switching Regulator
with 100
µV Output Noise” contains much information
concerning noise in switching regulators and should be
consulted.
Oscillator Frequency
The internal oscillator generates the switching frequency
that determines the fundamental positioning of the
harmonics. Using quality external components is impor-
tant to ensure oscillator frequency stability. A current
defined by external resistor RT charges and discharges
the capacitor CT creating a saw tooth waveform where the
outputs’ states change at the peak. The frequency of each
output is one half of the frequency of the oscillator.
By having both components external, the user has greater
flexibility in setting the frequency and the frequency is less
susceptible to any temperature variations in the device.
The external capacitance CT is chosen by:
CT(nF) = 1183/[fOSC(kHz) • RT(kΩ)]
where fOSC is the desired oscillator frequency.
For RT equal to 16.9k, this simplifies to:
CT(nF) = 70/fOSC(kHz)
e.g., CT = 1nF for fOSC = 70kHz
Nominally, RT should be set to 16.9k.
Low tolerance and low temperature coefficient compo-
nents are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com