Electronic Components Datasheet Search
  English  ▼

X  

1447 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 1447
Description  Low Intermodulation Design
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

1447 Datasheet(HTML) 1 Page - API Technologies Corp

  1447 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax: 301-846-9116
web: www.weinschel
.apitech.com s email: weinschel-sales@apitech.com
110
Revision Date:
08/03/2016
Terminations & Loads
NOTE: All dimensions are given in mm (inches) and
tolerances are X.X+0.8 (0.03) unless otherwise
specified.
Model 1447
50 Watts
Medium Power, 7/16 Connectors
dc to 6.0 GHz
Low Intermodulation Design
Features
o Optimized for Wireless OEM and Test Applications.
o Designed to meet environmental requirements of
MIL-D-39030.
o Custom Designs Available.
Specifications
NOMINAL IMPEDANCE: 50
Ω
FREQUENCY RANGE:
dc to 6.0 GHz
MAXIMUM SWR:
Frequency (GHz)
SWR
dc - 6
1.20
POWER RATING: (mounted horizontally assuming
unobstructed air flow and natural convection around
unit): 50 watts average to 25°C ambient temperature,
derated linearly to 5 watts @ 125°C. 5 kilowatt peak (5
μsec pulse width; 0.5% duty cycle).
INTERMODULATION: IM3 (Reflected) = -100 dBc with two
+43 dBm Input Tones @ 869 MHz and 891 MHz.
TEMPERATURE RANGE: -55°C to 125°C.
TEST DATA: Swept data plots of SWR from 50 MHz to
6 GHz is available at additional cost.
CONNECTOR: 7/16 connector that conforms to DIN 47
223, IEC 1694, VG 95250, CECC 22190. Choice of 7/16
male(-2) of 7/16 female (-1) connector
CONSTRUCTION:
Black, finned aluminum body, silver
plated brass connector.
WEIGHT:
Net 354 g (12.5 oz) maximum
PHYSICAL DIMENSIONS:


Similar Part No. - 1447

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1447 3M-1447 Datasheet
601Kb / 1P
Stay sharp with Scotch Scissors
logo
List of Unclassifed Man...
1447-1 ETC2-1447-1 Datasheet
485Kb / 1P
MICRO PINS
1447-2 ETC2-1447-2 Datasheet
485Kb / 1P
MICRO PINS
1447-3 ETC2-1447-3 Datasheet
485Kb / 1P
MICRO PINS
1447-4 ETC2-1447-4 Datasheet
485Kb / 1P
MICRO PINS
More results

Similar Description - 1447

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
EB38 MOTOROLA-EB38 Datasheet
275Kb / 4P
MEASURING THE INTERMODULATION DISTORTION OF LINEAR AMPLIFIERS
logo
Toshiba Semiconductor
TIM4450-60SL TOSHIBA-TIM4450-60SL Datasheet
80Kb / 4P
LOW INTERMODULATION DISTORTION
logo
Tyco Electronics
SMW21R0FT MACOM-SMW21R0FT Datasheet
126Kb / 3P
Low Profile Design
logo
Ohmite Mfg. Co.
RES-TL OHMITE-RES-TL Datasheet
341Kb / 2P
Low profile design
logo
CUI INC
SJ2-2594A-SMT-TR CUI-SJ2-2594A-SMT-TR Datasheet
487Kb / 4P
low profile design
HSS-C52-NP-SMT-TR CUI-HSS-C52-NP-SMT-TR Datasheet
848Kb / 3P
low profile design
HSS-C2591-SMT-TR CUI-HSS-C2591-SMT-TR Datasheet
846Kb / 3P
low profile design
SJ2-2510X-SMT CUI-SJ2-2510X-SMT Datasheet
678Kb / 4P
low profile design
SJ2-2542X-SMT CUI-SJ2-2542X-SMT Datasheet
649Kb / 4P
low profile design
logo
API Technologies Corp
1479 APITECH-1479 Datasheet
137Kb / 1P
Low Passive Intermodulation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com