Electronic Components Datasheet Search
  English  ▼

X  

1453 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 1453
Description  Medium Power, N Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

1453 Datasheet(HTML) 1 Page - API Technologies Corp

  1453 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
101
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax: 301-846-9116
web: www.weinschel
.apitech.com s email: weinschel-sales@apitech.com
Revision Date:
08/03/2016
Terminations & Loads
Model 1453
dc to 8.5 GHz
Medium Power, N Connectors
10 Watts
Features
o Optimized for Wireless OEM and Test Applications.
o Designed to meet environmental requirements of
MIL-D-39030.
o Quality Injection Molded Connector.
Specifications
NOMINAL IMPEDANCE: 50
Ω
FREQUENCY RANGE:
dc to 8.5 GHz
TEMPERATURE RANGE: -55°C to +125°C
TEST DATA: Swept data plots of SWR from 50 MHz to
12.4 GHz is available at additional cost.
CONNECTOR: Type N connector per MIL-STD-348 inter-
face dimensions - mate nondestructively with MIL-C-39012
connector. Choice of male (-4) or female connector (-3).
CONSTRUCTION: Black, finned aluminum body, stainless
steel connector; gold plated beryllium copper contacts.
WEIGHT: 85 g (3 oz)
PHYSICAL DIMENSIONS:
MAXIMUM SWR:
Frequency (GHz)
SWR
dc - 4
1.15
4 - 8.5
1.25
POWER RATING: 10 watts average (mounted horizon-
tally) @ 25°C ambient temperature, derated linearly to 1
watt @ 125°C. 1 kilowatt peak (5
μsec pulse width; 0.5%
duty cycle).
RoHS
NOTE: All dimensions are given in mm (inches) and are
maximum, unless otherwise specified.


Similar Part No. - 1453

ManufacturerPart #DatasheetDescription
logo
Heyco.
14530 HEYCO-14530 Datasheet
393Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
PHOENIX CONTACT
1453009 PHOENIX-1453009 Datasheet
117Kb / 9P
Sensor/actuator box - SACB-6/ 6-L-SC SCO P
1453012 PHOENIX-1453012 Datasheet
120Kb / 9P
Sensor/actuator box - SACB-6/12-L-SC SCO P
1453025 PHOENIX-1453025 Datasheet
106Kb / 5P
Sensor/actuator box - SACB-8/ 8-L-SC SCO P
1453038 PHOENIX-1453038 Datasheet
111Kb / 5P
Sensor/actuator box - SACB-8/16-L-SC SCO P
More results

Similar Description - 1453

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1418 APITECH-1418 Datasheet
519Kb / 1P
Medium Power, N Connectors
1427 APITECH-1427 Datasheet
464Kb / 1P
Medium Power, N or SMK Connectors
1429 APITECH-1429 Datasheet
504Kb / 1P
Medium Power, N & 3.5mm Connectors
1433 APITECH-1433 Datasheet
175Kb / 1P
High Power, N Connectors
1434 APITECH-1434 Datasheet
480Kb / 1P
High Power, N Connectors
1441 APITECH-1441 Datasheet
536Kb / 1P
Medium Power, N or SMK Connectors
1446 APITECH-1446 Datasheet
409Kb / 1P
Medium Power, 7/16 Connectors
1456 APITECH-1456 Datasheet
518Kb / 1P
High Power, N Connectors
1458 APITECH-1458 Datasheet
418Kb / 1P
Medium Power, 3.5mm Connectors
1476 APITECH-1476 Datasheet
438Kb / 1P
Medium Power, N or SMK Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com