Electronic Components Datasheet Search
  English  ▼

X  

1467 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 1467
Description  1 Kilowatt Peak Power
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

1467 Datasheet(HTML) 1 Page - API Technologies Corp

  1467 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
113
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax:
301-846-9116 web: www.weinschel
.apitech.com s email: weinschel-sales@apitech.com
Revision Date:
08/03/2016
Terminations & Loads
Model 1467
dc to 18.0 GHz
Medium Power, N & 3.5mm Connectors
50 Watts
Convection Cooled
Features
o Designed to meet environmental requirements
of MIL-D-39030.
o Useable to 20 GHz.
o Rugged injection molded connector.
o 1 Kilowatt Peak Power
Specifications
NOMINAL IMPEDANCE: 50
Ω
FREQUENCY RANGE:
dc to 20.0 GHz
CONNECTOR: Type N connector per MIL-STD-348 inter-
face dimensions - mate nondestructively with MIL-C-39012
connector. Choice of male (-4) or female connector (-3).
3.5mm connector mate nondestructively with SMA per MIL-
C-39012, 2.92mm, 3.5mm and other SMA connectors.
Choice of male (-2) or female connector (-1).
CONSTRUCTION: Black, finned aluminum body, stainless
steel connector; gold plated beryllium copper contacts.
WEIGHT: 100 g (3.5 oz)
PHYSICAL DIMENSIONS:
POWER RATING (mounted horizontally): 50 watts aver-
age to 25°C ambient temperature, derated linearly to
5 Watts @ 125°C. 1 kW peak (5
μsec pulse width; 2.5%
duty cycle).
TEMPERATURE RANGE: -55 °C to 125 °C
TEST DATA: Swept data plots of SWR from 50 MHz to
20 GHz is available at additional cost .
NOTE:
All dimensions are given in mm (inches) and are maximum,
unless otherwise specified.
RoHS
Connector
DIM A
Connector
DIM A
N Male
24.1 (0.95)
3.5mm Female
14.0 (0.55)
N Female
19.0 (0.75)
3.5mm Male
13.2 (0.52)
MAXIMUM SWR:
Frequency (GHz)
SWR (maximum)
dc - 18.0
1.15


Similar Part No. - 1467

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
1467 DURATOOL-1467 Datasheet
62Kb / 1P
8-OZ WATER BOTTLE, ESD SAFE
05/27/08 REV A
logo
Adafruit Industries
1467 ADAFRUIT-1467 Datasheet
91Kb / 1P
Heat Sink Thermal Tape - 3M 8810 - 25mm x 25mm
6-27-17
logo
List of Unclassifed Man...
14670 ETC-14670 Datasheet
91Kb / 1P
Heyco짰-Tite EMC Brass Locknuts
logo
Heyco.
14670 HEYCO-14670 Datasheet
126Kb / 1P
Heyco®-Tite Brass Lazy Bend Liquid Tight Cordgrips
logo
PHOENIX CONTACT
1467018 PHOENIX-1467018 Datasheet
202Kb / 7P
FL SWITCH 1100T-8POE-2SFP - Industrial Ethernet
More results

Similar Description - 1467

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ACE125RUW48 LINEAGEPOWER-ACE125RUW48 Datasheet
808Kb / 2P
5 Bay / 6 Kilowatt Power Shelf
ACE254RUW48 LINEAGEPOWER-ACE254RUW48 Datasheet
927Kb / 2P
4 Bay / 10 Kilowatt Power Shelf
ACE3000 LINEAGEPOWER-ACE3000 Datasheet
806Kb / 2P
3 Bay / 9 Kilowatt Power Shelf
ACE3000T LINEAGEPOWER-ACE3000T Datasheet
820Kb / 2P
3 Bay / 9 Kilowatt Power Shelf
ACE4000 LINEAGEPOWER-ACE4000 Datasheet
806Kb / 2P
3 Bay / 12 Kilowatt Power Shelf
logo
Protek Devices
SM10KW PROTEC-SM10KW_15 Datasheet
430Kb / 6P
60 KILOWATT TVS COMPONENTS
SM10KW10A PROTEC-SM10KW10A Datasheet
439Kb / 6P
60 KILOWATT TVS COMPONENTS
logo
Microdiode Semiconducto...
BZX55 CHENDA-BZX55 Datasheet
748Kb / 3P
2.4- 1 8 0V Peak Pulse Power: 500mW
logo
Sames
SA2102D SAMES-SA2102D Datasheet
428Kb / 16P
Single Phase Kilowatt-hour Metering IC
logo
Ultralife Corporation.
URB0001 ULTRALIFE-URB0001 Datasheet
210Kb / 2P
Li-ion Multi-Kilowatt Module
Rev: C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com