Electronic Components Datasheet Search
  English  ▼

X  

AD9235 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9235
Description  3V A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9235 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9235 Datasheet HTML 9Page - Analog Devices AD9235 Datasheet HTML 10Page - Analog Devices AD9235 Datasheet HTML 11Page - Analog Devices AD9235 Datasheet HTML 12Page - Analog Devices AD9235 Datasheet HTML 13Page - Analog Devices AD9235 Datasheet HTML 14Page - Analog Devices AD9235 Datasheet HTML 15Page - Analog Devices AD9235 Datasheet HTML 16Page - Analog Devices AD9235 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
AD9235
Data Sheet
Rev. D | Page 12 of 40
AIN (dBFS)
0
–30
–25
–20
–15
–10
–5
100
90
80
70
60
50
40
SFDR
SINGLE-ENDED (dBFS)
SFDR
DIFFERENTIAL (dBc)
SNR
DIFFERENTIAL (dBFS)
SFDR
SINGLE-ENDED (dBc)
SNR
DIFFERENTIAL (dBc)
SNR
SINGLE-ENDED (dBc)
SFDR
DIFFERENTIAL (dBFS)
SNR
SINGLE-ENDED (dBFS)
Figure 15. AD9235-65: Single Tone SNR/SFDR vs.
AIN with fIN = Nyquist (32.5 MHz)
AIN (dBFS)
0
–30
–25
–20
–15
–10
–5
100
90
80
70
60
50
40
SFDR
SINGLE-ENDED
(dBFS)
SNR
DIFFERENTIAL (dBc)
SNR
SINGLE-ENDED (dBc)
SNR
DIFFERENTIAL
(dBFS)
SNR
SINGLE-ENDED
(dBFS)
SFDR
SINGLE-ENDED (dBc)
SFDR
DIFFERENTIAL
(dBc)
SFDR
DIFFERENTIAL (dBFS)
Figure 16. AD9235-40: Single Tone SNR/SFDR vs. AIN with fIN = Nyquist (20 MHz)
AIN (dBFS)
0
–30
–25
–20
–15
–10
–5
100
90
80
70
60
50
40
SNR
DIFFERENTIAL(dBc)
SNR
SINGLE-ENDED (dBc)
SNR
DIFFERENTIAL (dBFS)
SNR
SINGLE-ENDED (dBFS)
SFDR
DIFFERENTIAL (dBc)
SFDR
SINGLE-ENDED (dBFS)
SFDR DIFFERENTIAL (dBFS)
SFDR
SINGLE-ENDED(dBc)
Figure 17. AD9235-20: Single Tone SNR/SFDR vs. AIN with fIN = Nyquist (10 MHz)
INPUT FREQUENCY (MHz)
125
0
25
50
75
100
95
90
85
80
75
70
65
SNR
SFDR
Figure 18. AD9235-65: SNR/SFDR vs. fIN
INPUT FREQUENCY (MHz)
125
0
25
50
75
100
95
90
85
80
75
70
65
SNR
SFDR
Figure 19. AD9235-40: SNR/SFDR vs. fIN
INPUT FREQUENCY (MHz)
125
0
25
50
75
100
95
90
85
80
75
70
65
SNR
SFDR
Figure 20. AD9235-20: SNR/SFDR vs. fIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com