Electronic Components Datasheet Search
  English  ▼

X  

M123A11BPC103CMA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # M123A11BPC103CMA
Description  Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M123A11BPC103CMA Datasheet(HTML) 4 Page - Vishay Siliconix

  M123A11BPC103CMA Datasheet HTML 1Page - Vishay Siliconix M123A11BPC103CMA Datasheet HTML 2Page - Vishay Siliconix M123A11BPC103CMA Datasheet HTML 3Page - Vishay Siliconix M123A11BPC103CMA Datasheet HTML 4Page - Vishay Siliconix M123A11BPC103CMA Datasheet HTML 5Page - Vishay Siliconix M123A11BPC103CMA Datasheet HTML 6Page - Vishay Siliconix M123A11BPC103CMA Datasheet HTML 7Page - Vishay Siliconix M123A11BPC103CMA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIL-PRF-123
www.vishay.com
Vishay Vitramon
Revision: 15-May-17
4
Document Number: 45229
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
161
160 pF
•
•
•
181
180 pF
•
•
•
201
200 pF
•
•
•
221
220 pF
•
•
•
241
240 pF
•
•
•
271
270 pF
•
•
•
301
300 pF
••
•
••••
331
330 pF
••
•
••••
361
360 pF
••
•
••••
391
390 pF
••
•
••••
431
430 pF
••
•
••••
471
470 pF
••
•
••••
511
510 pF
•
•
••••
561
560 pF
•
•
••••
621
620 pF
•
•
••••
681
680 pF
•
•
••••
751
750 pF
•
••••
821
820 pF
•
••••
911
910 pF
•
••••
102
1.0 nF
•
••••
112
1.1 nF
•
•
•
•
122
1.2 nF
•
•
•
•
•
132
1.3 nF
•
•
•
•
152
1.5 nF
•
•
•
•
•
162
1.6 nF
•
•
•
•
182
1.8 nF
•
•
•
•
•
202
2.0 nF
•
•
•
•
222
2.2 nF
•
•
•
•
•
242
2.4 nF
•
•
•
272
2.7 nF
•
•
•
302
3.0 nF
•
•
•
332
3.3 nF
•
•
•
362
3.6 nF
••
392
3.9 nF
••
•
432
4.3 nF
••
472
4.7 nF
••
•
512
5.1 nF
••
•
562
5.6 nF
••
•
622
6.2 nF
••
•
682
6.8 nF
••
•
752
7.5 nF
••
•
822
8.2 nF
••
•
912
9.1 nF
••
•
103
10 nF
••
•
113
11 nF
•
123
12 nF
•
133
13 nF
•
153
15 nF
•
163
16 nF
•
183
18 nF
•
203
20 nF
•
223
22 nF
•
SELECTION CHART
DIELECTRIC
BP
STYLE
CKS51
CKS55
CKS52
CKS53
CKS56
CKS57
CKS54
SLASH SHEET
/10
/21
/11
/12
/22
/23
/13
CASE CODE
0805
1206
1210
1808
1812
1825
2225
VOLTAGE (VDC)
50 V
100 V
50 V
100 V
50 V
100 V
50 V
100 V
50 V
100 V
50 V
100 V
50 V
VOLTAGE CODE
BCB
C
BCB
C
BC
BC
B
CAP. CODE
CAP.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com