Electronic Components Datasheet Search
  English  ▼

X  

M123A22BPC103CMA Datasheet(PDF) 5 Page - Vishay Siliconix

Part # M123A22BPC103CMA
Description  Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M123A22BPC103CMA Datasheet(HTML) 5 Page - Vishay Siliconix

  M123A22BPC103CMA Datasheet HTML 1Page - Vishay Siliconix M123A22BPC103CMA Datasheet HTML 2Page - Vishay Siliconix M123A22BPC103CMA Datasheet HTML 3Page - Vishay Siliconix M123A22BPC103CMA Datasheet HTML 4Page - Vishay Siliconix M123A22BPC103CMA Datasheet HTML 5Page - Vishay Siliconix M123A22BPC103CMA Datasheet HTML 6Page - Vishay Siliconix M123A22BPC103CMA Datasheet HTML 7Page - Vishay Siliconix M123A22BPC103CMA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MIL-PRF-123
www.vishay.com
Vishay Vitramon
Revision: 15-May-17
5
Document Number: 45229
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SELECTION CHART
DIELECTRIC
BX
STYLE
CKS51
CKS55
CKS52
CKS53
CKS56
CKS57
CKS54
SLASH SHEET
/10
/21
/11
/12
/22
/23
/13
CASE CODE
0805
1206
1210
1808
1812
1825
2225
VOLTAGE (VDC)
50 V
100 V
50 V
100 V
50 V
100 V
50 V
100 V
100 V
50 V
100 V
50 V
VOLTAGE CODE
BC
BC
BC
BC
CB
CB
CAP. CODE
CAP.
331
330 pF
•
•
391
390 pF
•
•
471
470 pF
•
•
561
560 pF
•
•
681
680 pF
•
•
821
820 pF
•
•
102
1.0 nF
•
•
122
1.2 nF
•
•
152
1.5 nF
•
•
182
1.8 nF
•
•
222
2.2 nF
•
•
272
2.7 nF
•
•
332
3.3 nF
•
•
392
3.9 nF
•
•
472
4.7 nF
•
•
•
562
5.6 nF
•
•••••
682
6.8 nF
•
•••••
822
8.2 nF
•
•••••
103
10 nF
•
•••••
123
12 nF
•
•••••
153
15 nF
•
•••••
183
18 nF
•
•
••••
223
22 nF
•
••••
273
27 nF
•
•••••
333
33 nF
•
•
•
•
•
393
39 nF
••••
473
47 nF
•
•
•
563
56 nF
••••
683
68 nF
•
•
•
823
82 nF
•
•
•
104
100 nF
•
•
•
124
120 nF
••
154
150 nF
••
184
180 nF
••
224
220 nF
••
274
270 nF
••
334
330 nF
••
394
390 nF
••
474
470 nF
••



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com