Electronic Components Datasheet Search
  English  ▼

X  

LT4351IMS Datasheet(PDF) 13 Page - Linear Technology

Part # LT4351IMS
Description  MOSFET Diode-OR Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4351IMS Datasheet(HTML) 13 Page - Linear Technology

Back Button LT4351IMS Datasheet HTML 9Page - Linear Technology LT4351IMS Datasheet HTML 10Page - Linear Technology LT4351IMS Datasheet HTML 11Page - Linear Technology LT4351IMS Datasheet HTML 12Page - Linear Technology LT4351IMS Datasheet HTML 13Page - Linear Technology LT4351IMS Datasheet HTML 14Page - Linear Technology LT4351IMS Datasheet HTML 15Page - Linear Technology LT4351IMS Datasheet HTML 16Page - Linear Technology LT4351IMS Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT4351
13
sn4351 4351fs
STATUS
The STATUS pin sinks current when the input (VIN) is
above output (OUT) by 15mV and GATE is above VIN by
0.7V. This will normally indicate that power is being
passed though the MOSFETs.
In the event of a nonfunctional MOSFET, the GATE voltage
will be driven high (to the GATE clamp voltage). If VIN is
greater than OUT by more than 0.21V, the FAULT pin will
sink current to signal the potential problem.
There is no direct measurement or confirmation of current
flowing in the MOSFETs. Current is shared between sources
based on their voltage and series resistance. If precision
load sharing is desired, the LTC4350 may be a more
suitable part.
Redundant Supplies
The LT4351 is an improved solution for ORing redundant
supplies because of its lower forward drop versus conven-
tional diodes. The lower forward drop significantly im-
proves overall efficiency, improves the voltage tolerance
at the load and provides for a more accurate transition
from supply to supply and more accurate load sharing
between supplies.
APPLICATIO S I FOR ATIO
ORing can be done either at the load or at the source.
Figure 9 shows some examples. ORing at the load is
usually the safest method since it protects against shorts
in interconnects.
The LT4351 tighter forward voltage tolerance makes it
easier to balance current between similar supplies using
the droop method. The droop method uses the supply
voltage and series resistance in the power path to provide
load sharing. In this case, size the MOSFET’s RDS(ON) low
to allow for regulation.
ORing Disparate Supplies
The LT4351 provides an easy solution for connecting
together different types of power sources. Again because
of the low forward drop, the efficiency of the system is
improved and the voltage transition between supplies is
more accurate. In addition, the undervoltage and overvolt-
age features of the LT4351 provide options for enabling
and disabling the supplies that are not available from a
common diode. Figure 10 shows some examples of con-
necting disparate supplies.
Figure 9. Redundant Backplane Supplies
Figure 10
LT4351
BOARD
LT4351
LOAD
SOURCE 1
BACKPLANE
SOURCE 2
LT4351
BOARD
LT4351
LOAD
4351 F09
SOURCE 1
BACKPLANE
SOURCE 2
LT4351
Isolated System Supply
from Wall Adapter
Isolated Battery Backup
Three Source ORing Provides Protection
Against Out of Range Supplies
WALL
ADAPTER
SYSTEM
SUPPLY
LOAD
LT4351
BATTERY
WALL
ADAPTER
LOAD
+
LT4351
BATTERY
LT4351
LT4351
WALL
ADAPTER
LOAD
4351 F10
+
SYSTEM
SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com