Electronic Components Datasheet Search
  English  ▼

X  

LTC1564 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1564
Description  10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1564 Datasheet(HTML) 1 Page - Linear Technology

  LTC1564 Datasheet HTML 1Page - Linear Technology LTC1564 Datasheet HTML 2Page - Linear Technology LTC1564 Datasheet HTML 3Page - Linear Technology LTC1564 Datasheet HTML 4Page - Linear Technology LTC1564 Datasheet HTML 5Page - Linear Technology LTC1564 Datasheet HTML 6Page - Linear Technology LTC1564 Datasheet HTML 7Page - Linear Technology LTC1564 Datasheet HTML 8Page - Linear Technology LTC1564 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1564
10kHz to 150kHz
Digitally Controlled
Antialiasing Filter and 4-Bit P.G.A
s
4-Bit Digitally Controlled 8th-Order Lowpass Filter
–fCUTOFF Adjustable from 10kHz to 150kHz in 10kHz
Steps
– 100dB Attenuation at 2.5
× fCUTOFF
s
4-Bit Digitally Controlled Programmable Gain
Amplifier
– G = 1 to 16 in 1V/V Steps
s
Miniature 16-Pin SSOP Package
s
No External Components
s
122dB Total System Dynamic Range
s
Rail-to-Rail Input and Output Range
s
2.7V to 10V Operation
s
Low Noise Mute Mode
s
Low Power Shutdown Mode
s
Antialias or Reconstruction Filtering
s
DSP Systems
s
Communications Systems
s
Scientific Instruments
s
High Resolutions (16 Bits to 20 Bits)
s
Processing Signals Buried in Noise
s
Audio Signal Processing
s
Programmable Data Rates
s
Automatic Gain Control (AGC)
s
Single Part Replacing Multiple Filters
Low Noise Programmable Filter with Variable Gain
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LTC
®1564 is a new type of continuous time filter for
antialiasing, reconstruction and other band-limiting appli-
cations. No other analog components or filter expertise are
needed to use it. There is one analog input pin and one
analog output pin. The cutoff frequency (fC) and gain are
programmable while the shape of the lowpass response is
fixed. A latching digital interface stores fC and gain settings
or it can be bypassed for control directly from the pins. The
LTC1564 operates from 2.7V to 10V total (single or split
supplies) and comes in a 16-pin surface mount SSOP.
The LTC1564 is a rail-to-rail high resolution 8th-order
lowpass filter with two stopband notches, giving approxi-
mately 100dB attenuation at 2.5 times the passband cutoff
frequency fC (a de-facto standard for DSP front ends).
Signals with low or variable levels can be normalized with
the built-in variable gain that reduces input-referred noise
with increasing gain for a typical dynamic range (maxi-
mum signal level to minimum noise) of 122dB (20 equiva-
lent bits) with 20kHz fC and 118dB at 100kHz fC on a ±5V
supply.
Other frequency-response shapes can be provided upon
request. Please contact LTC Marketing.
IN AGND V+ RST G3
LTC1564
G2
G1
G0
OUT V–
123
4
5
6
7
1564 TA01
8
16
15
14
13
12
11
GAIN CODE
FREQUENCY CODE
V+ AND V– SUPPLIES CAN BE FROM
1.35V TO 5.25V EACH
TIE F AND G PINS TO V+ OR V– TO
SET FREQUENCY AND GAIN
DYNAMIC RANGE 118dB TO 122dB
AT
±5V DEPENDING ON FREQUENCY CODE
0.1
µF
V+
10
9
EN
CS/
HOLD F3
F2
F1
F0
0.1
µF
ANALOG
OUT
ANALOG
IN
V–
LTC1564 Programmable Range
FREQUENCY (kHz)
5
10
100
500
1564 TA02
10
30
20
0
–10
–20
–30
–40
–50
–60
–70
–80
–120
–110
–100
–90
fC = 10kHz
GAIN = 1V/V
fC = 150kHz
GAIN = 16V/V
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1564

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1564 LINER-LTC1564 Datasheet
188Kb / 12P
10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
logo
Analog Devices
LTC1564 AD-LTC1564 Datasheet
346Kb / 28P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
REV A
LTC1564 AD-LTC1564 Datasheet
183Kb / 12P
10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A.
REV A
LTC1564 AD-LTC1564 Datasheet
234Kb / 16P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
REV A
LTC1564CG AD-LTC1564CG Datasheet
183Kb / 12P
10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A.
REV A
More results

Similar Description - LTC1564

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
AN135 XICOR-AN135 Datasheet
51Kb / 5P
Sensor Circuits and Digitally Controlled Potentiometers
logo
Intersil Corporation
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
Digitally Controlled Potentiometer
September 26, 2006
logo
Faraday Technology
TFT1350F FARADAY-TFT1350F Datasheet
61Kb / 2P
ANTIALIASING AND RECONSTRUCTION FILTERS
GFG1350F FARADAY-GFG1350F Datasheet
122Kb / 2P
ANTIALIASING FILTERS
logo
EUROQUARTZ limited
CX1VSM EUROQUARTZ-CX1VSM Datasheet
296Kb / 2P
Frequency Range 10kHz to 600kHz
logo
Analog Devices
AD7341 AD-AD7341_15 Datasheet
5Mb / 16P
LC MOS VOICEVAND RECONSTRUCTION AND ANTIALIASING FILTER SET
REV. A
logo
Linear Technology
LTC1564 LINER-LTC1564_15 Datasheet
188Kb / 12P
10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
logo
Intersil Corporation
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
Digitally Controlled Potentiometer
July 31, 2014
logo
Faraday Technology
FL872 FARADAY-FL872 Datasheet
81Kb / 2P
ANTIALIASING FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com