Electronic Components Datasheet Search
  English  ▼

X  

5100F Datasheet(PDF) 2 Page - Visual Communications Company

Part # 5100F
Description  LED Panel Mount Indicator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

5100F Datasheet(HTML) 2 Page - Visual Communications Company

  5100F Datasheet HTML 1Page - Visual Communications Company 5100F Datasheet HTML 2Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications and ordering data
Electro-optical Characteristics
Color
Typ.
Intensity
(mcd)
Rated
Current
(mA)
Red
Green
Yellow
10.0
16.0
6.3
2.5
2.1
1.8
8.0
8.0
Part
Number
5110F1
5110F1LC
5110F7LC
5110F7
5110F5
5110F5LC
5110F1-5V
5110F1-12V
5110F5-12V
5110F5-5V
5110F3-12V
Red
Green
Yellow
Red
Green
Red
Amber
Green
8.0
8.0
8.0
10
20
20
2
2
2
10
10
13
13
13
Foward
Current
Max. (mA)
30
30
30
7
7
7
20
15
20
20
20
Continuous
2.0
2.2
2.1
1.8
1.8
1.9
5
5
12
12
12
Forward
Voltage
Typ. (V)
Forward
Voltage
Max.
(V)
Peak Forward
Current @
1ms- 300pps
(A)
Reverse
Break-down
Voltage Min.
(V)
Peak
Wavelenght
(nm)
3.0
3.0
3.0
2.2
2.2
2.7
7.5
7.5
15
15
15
1.0
0.09
1.0
0.007
0.007
0.007
-
-
-
-
-
5
4
5
5
5
5
5
5
5
5
5
635
562
585
635
565
583
655
565
655
583
565
Compliance & approvals
Material
Installation specification
Housing
Nylon (Black)
Mounting hole
Panel thickness (minimum)
Wire leads
0.155/0.158” (3.94/4.01mm)
0.031/0.062” (0.79/1.58mm)
4.4” (111.8) min. long,
0.009” (0.23mm) Wall PVC,
Wire Leads
Anode (+)
Red lead
#26 AWG, stripped 0.250”
Red (Anode), Black (Cathode)
Operating parameters
Operating
temperature
-13°F (-25°C) to
185°F (85°C)
1 
your first call for illuminated components
www.vcclite.com
1.800.522.5546
09/17 Rev 2
For Low Current Versions:
Red (Anode), Yellow
(Cathode)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com