Electronic Components Datasheet Search
  English  ▼

X  

L63 Datasheet(PDF) 4 Page - Visual Communications Company

Part # L63
Description  Front panel mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

L63 Datasheet(HTML) 4 Page - Visual Communications Company

  L63 Datasheet HTML 1Page - Visual Communications Company L63 Datasheet HTML 2Page - Visual Communications Company L63 Datasheet HTML 3Page - Visual Communications Company L63 Datasheet HTML 4Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
05/16 Rev 1
the first call for illuminated components
www.vcclite.com
1.800.522.5546
4
Materials
Body
Base
Brass, Chromium Plated
Phenolic
UL 94 V-1
Installation Specifications
Mounting
Hole
Straight
Leads
Terminals
0.244”
(6.2 mm)
Anode(+): 21.08” (0.83 mm)
Panel
Thickness
0.019” to 0.118”
(0.5 to 3.0 mm)
Temperature Specifications
Operating
Temperature
Storage
Temperature
-25oC to +80oC
-13oF to +176oF
5.9 lbf-in
(6.8 kgf-cm)
Mounting
Torque
Cathode(-): 19.05” (0.75 mm)
LED
Color
Green Diffused
Red Diffused
Yellow Diffused
VF(V)
2.8
min.
typ.
max.
3.2
3.6
1.8
2.1
2.5
1.8
2.0
2.45
IF(mA)
20
20
20
Viewing
angle
25
25
50
Wavelength
(nm)
568-573
30
60
30
LED Color
Green
Red
Yellow
630-635
590-595
-25oC to +85oC
-13oF to +185oF
Luminosity
(mcd)
Compliances and Approvals
Product Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com