Electronic Components Datasheet Search
  English  ▼

X  

PML50 Datasheet(PDF) 4 Page - Visual Communications Company

Part # PML50
Description  Maritime, Oil and Gas Industry
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

PML50 Datasheet(HTML) 4 Page - Visual Communications Company

  PML50 Datasheet HTML 1Page - Visual Communications Company PML50 Datasheet HTML 2Page - Visual Communications Company PML50 Datasheet HTML 3Page - Visual Communications Company PML50 Datasheet HTML 4Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
your first call for illuminated components
www.vcclite.com
1.800.522.5546
03/17 Rev 1
Product Specifications
Materials
Housing
Lens
Bezel
Wire Leads
White Polycarbonate
UL 94 V-0
Plated, Black Color Finish
Transparent Polycarbonate
UL94 V-0
Tinned Copper Conductor
PVC Insulation
Installation Specifications
Mounting
Hole (”D”
Shape)
Wire
Leads
11/16” or 0.688”
(17.46 mm)
24 AWG - UL1430 rated, 5.5”
(140 mm) long, stripped .5”
Anode (+): Red lead (Single
Color) and Green and Red
leads (Bicolor)
Panel
Thickness
(max.)
0.156”
(3.96 mm)
Electrical Specifications
Operating Voltage
5 VDC to 28 VDC
(flex voltage)
Temperature Specifications
Operating
Temperature
Storage
Temperature
-25oC to +80oC
-13oF to +176oF
-30oC to +100oC
-22oF to +212oF
20mA (max.)
Operating Current
Mounting
Torque
15 in-lbs (17.28 kg-cm)
Washer (installed)
Lock Washer
PML50RFVW
Red
1150
PML50YFVW
Yellow
2700
PML50WFVW
White
3600
PML50GFVW
Green
4850
PML50BFVW
Blue
306
PML50RGFVW
Red/Green
1830/1820
Optical Ratings*
Hex Nut
EPDM rubber
SPCC, Nickel Plated
Brass, Nickel Plated
*Test Parameters: Voltage at 24VDC and Temperature at 25o
C or 77oF
Part Number
Color
Luminance (fL)
Compliances and Approvals



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com