Electronic Components Datasheet Search
  English  ▼

X  

SPC208 Datasheet(PDF) 1 Page - Visual Communications Company

Part # SPC208
Description  Front panel mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

SPC208 Datasheet(HTML) 1 Page - Visual Communications Company

  SPC208 Datasheet HTML 1Page - Visual Communications Company SPC208 Datasheet HTML 2Page - Visual Communications Company SPC208 Datasheet HTML 3Page - Visual Communications Company SPC208 Datasheet HTML 4Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
05/16 Rev 1
the first call for illuminated components
www.vcclite.com
1.800.522.5546
1
• Max. Mounting Torque: 5.9 lbs-in (6.8kg-cm)
• Max. Panel Thickness: 0.118” (3.0mm)
• Mounting Hole Size: 0.244” (6.2mm)
• Body Material: Brass, chromium plated
• Low power consumption
• Three colors available: Red, Green, Yellow
• Viewing angle: from 25o to 50o
• Diffused T-1 (3mm) LED
• Base Material: Phenolic (UL94 V-1)
• Low power consumption
• Straight leads terminals
• High brightness LEDs for daylight viewing
• Life expectancy of 100,000 hours
• Front panel mounting
• Protruding LED position
washer included
• Mounting hardware provided. Fixing nut and
requirements
• Compliant with RoHS and REACH
• Operating Voltage of 2 ~ 3.2 VDC
• For customized options, please contact us
oil, air and dust tight.
• Order gasket separately to provide water,
Key Features
• Automation & Control
• Manufacturing
• Oil and Gas Industry
• Maritime
• Medical
• People Movers
• Food Service
• Transportation
• Industrial
Applications
L63 Series 3mm LED Robust
Panel Mount Indicator
Mounting Hole 0.244” (6.2mm)
L63 is available in a robust body and protruding LED position, supplied with
lock washer and hex nut, in three different diffused LEDs colors


Similar Part No. - SPC208

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
SPC20017 MULTICOMP-SPC20017 Datasheet
151Kb / 1P
Firewire Cable Host-Host, 6 Pin Male - 6 Pin Male
01/08/12 V1.0
SPC20018 MULTICOMP-SPC20018 Datasheet
151Kb / 1P
Firewire Cable Host-Host, 6 Pin Male - 6 Pin Male
01/08/12 V1.0
SPC20019 MULTICOMP-SPC20019 Datasheet
151Kb / 1P
Firewire Cable Host-Host, 6 Pin Male - 6 Pin Male
01/08/12 V1.0
logo
List of Unclassifed Man...
SPC20186 ETC2-SPC20186 Datasheet
102Kb / 1P
EMI FILTER RoHS COMPLIANT
logo
Dc Components
SPC2040C DCCOM-SPC2040C Datasheet
72Kb / 2P
RECTIFIER SPECIALISTS
More results

Similar Description - SPC208

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
30-200 GRAYHILL-30-200 Datasheet
255Kb / 1P
Sealed, Front Panel Mounting
30-201B-1S GRAYHILL-30-201B-1S Datasheet
273Kb / 1P
Sealed, Front Panel Mounting
logo
BELIMO AIRCONTROLS (USA...
SGF24 BELIMO-SGF24 Datasheet
444Kb / 3P
For front-panel mounting
logo
Festo Corporation.
SV-5-M5-B FESTO-SV-5-M5-B Datasheet
86Kb / 1P
Front panel valve
10190 FESTO-10190 Datasheet
87Kb / 1P
Front panel valve
4/10/22
logo
ODU GmbH & Co.KG
GABMFG-P19LY19-0071 ODU-GABMFG-P19LY19-0071 Datasheet
467Kb / 2P
ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GABMFG-P41LCD9-0071 ODU-GABMFG-P41LCD9-0071 Datasheet
518Kb / 2P
ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GXBMFG-P04LTS0-0003 ODU-GXBMFG-P04LTS0-0003 Datasheet
419Kb / 2P
ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GXBMFG-P18LJH0-0002 ODU-GXBMFG-P18LJH0-0002 Datasheet
439Kb / 2P
ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GXBMFG-P22LFG0-0002 ODU-GXBMFG-P22LFG0-0002 Datasheet
438Kb / 2P
ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com