Electronic Components Datasheet Search
  English  ▼

X  

LTC3421EUF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3421EUF
Description  3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3421EUF Datasheet(HTML) 2 Page - Linear Technology

  LTC3421EUF Datasheet HTML 1Page - Linear Technology LTC3421EUF Datasheet HTML 2Page - Linear Technology LTC3421EUF Datasheet HTML 3Page - Linear Technology LTC3421EUF Datasheet HTML 4Page - Linear Technology LTC3421EUF Datasheet HTML 5Page - Linear Technology LTC3421EUF Datasheet HTML 6Page - Linear Technology LTC3421EUF Datasheet HTML 7Page - Linear Technology LTC3421EUF Datasheet HTML 8Page - Linear Technology LTC3421EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3421
2
3421f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum VIN Start-Up Voltage
ILOAD < 1mA
0.88
1
V
Minimum VIN Operating Voltage
(Note 4)
q
0.5
V
Output Voltage Adjust Range
2.25
5.25
V
q
2.40
5.25
V
Feedback Voltage
q
1.196
1.220
1.244
V
Feedback Input Current
VFB = 1.22V
1
50
nA
Quiescent Current—Burst Mode Operation
VC = 0V, ENB = 0V (Note 3)
12
20
µA
VC = 0V, ENB = 2V (Note 3)
23
50
µA
Quiescent Current—Shutdown
SHDN = 0V, ENB = 0V
0.1
1
µA
SHDN = 0V, ENB > 1.4V
0.2
2
µA
Quiescent Current—Active
(Note 3)
0.6
1.1
mA
NMOS Switch Leakage
0.1
5
µA
PMOS Switch Leakage
0.1
10
µA
NMOS Switch On Resistance
0.1
Ω
PMOS Switch On Resistance
0.14
Ω
NMOS Current Limit
ILIM Resistor = 105k
q
1
1.5
A
ILIM Resistor = 36.5k
q
3
4.2
A
Max Duty Cycle
q
84
91
%
Min Duty Cycle
q
0%
VIN, VOUT, VOUTS Voltage ............................ – 0.3V to 6V
BURST, SHDN, SS, ENB, SW,
LBO, LBI, SYNC Voltages .......................... – 0.3V to 6V
Operating Temperature Range
(Notes 2, 5) ............................................. –40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC3421EUF
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
TJMAX = 125°C, θJA = 40°C/W 1 LAYER BOARD,
θJA = 35°C/W 4 LAYER BOARD, θJC = 2.6°C/W
EXPOSED PAD IS GND (PIN 25) MUST BE SOLDERED TO PCB
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.2V, VOUT = 3.3V, RT = 28k, unless otherwise noted.
24 23 22 21 20 19
7
8
9
TOP VIEW
25
UF PACKAGE
24-LEAD (4mm
× 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
FB
SHDN
VREF
ENB
RT
SS
VOUTS
VOUT
SW
SW
SW
PGND
UF PART MARKING
3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com