Electronic Components Datasheet Search
  English  ▼

X  

HER201 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # HER201
Description  2.0 AMP. High Efficient Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

HER201 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  HER201 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd HER201 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
DO-15
Features
High efficiency, Low VF
High current capability
High reliability
High surge current capability
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application.
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 0.40grams
Maximum Rating and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HER
201
HER
202
HER
203
HER
204
HER
205
HER
206
HER
207
HER
208
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100 200 300 400 600 800 1000
V
Maximum RMS Voltage
VRMS
35
70
140 210 280 420 560 700
V
Maximum DC Blocking Voltage
VDC
50
100 200 300 400 600 800 1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) lead length
@TA = 55
oC
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms single
half sine-wave superimposed on rated load
(JEDEC method )
IFSM
60
A
Maximum Instantaneous Forward Voltage
@ 2.0A
VF
1.0
1.7
V
Maximum DC Reverse Current
@Ta=25
oC at Rated DC Blocking Voltage
@ Ta=125
oC
IR
5.0
150
uA
uA
Maximum Reverse Recovery Time ( Note 1)
Trr
50
75
nS
Typical Junction Capacitance
( Note 2 )
Cj
50
35
pF
Typical Thermal Resistance
RθJA
60
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on Cu-Pad Size 10mm x 10mm on PCB.
HER201-HER208
2.0 AMP. High Efficient Rectifiers
1.25
ht
t
p
:
//
www.lgesemi .com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - HER201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER201 WTE-HER201 Datasheet
49Kb / 3P
2.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER201 ZOWIE-HER201 Datasheet
50Kb / 2P
HIGH EFFICIENCY RECITIFIER
logo
Rectron Semiconductor
HER201 RECTRON-HER201 Datasheet
43Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
logo
Jinan Gude Electronic D...
HER201 JGD-HER201 Datasheet
165Kb / 2P
2.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER201

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HER201 MCC-HER201 Datasheet
310Kb / 2P
2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
HT11 TSC-HT11 Datasheet
62Kb / 2P
1.0 AMP. High Efficient Rectifiers
HER101 TSC-HER101_1 Datasheet
264Kb / 2P
1.0 AMP. High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER201-UF2001 YANGJIE-HER201-UF2001 Datasheet
57Kb / 2P
2.0 AMPS. HIGH EFFICIENT RECTIFIERS
logo
Micro Commercial Compon...
HER201 MCC-HER201_11 Datasheet
245Kb / 3P
2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
HER101S TSC-HER101S_10 Datasheet
564Kb / 2P
1.0 AMP. High Efficient Rectifiers
logo
Micro Commercial Compon...
HER201 MCC-HER201_13 Datasheet
265Kb / 3P
2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
HER201-DO15 YFWDIODE-HER201-DO15 Datasheet
330Kb / 2P
2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
HER101S LUGUANG-HER101S Datasheet
1Mb / 2P
1.0 AMP. High Efficient Rectifiers
HER201G LUGUANG-HER201G Datasheet
1Mb / 2P
2.0 AMP. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com