Electronic Components Datasheet Search
  English  ▼

X  

HER201G Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # HER201G
Description  2.0 AMP. Glass Passivated High Efficient Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

HER201G Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  HER201G Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd HER201G Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
DO-15
Features
Glass passivated chip junction.
High efficiency, Low VF
High current capability
High reliability
High surge current capability
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application.
Mechanical Data
Case: Molded plastic DO-15
Epoxy: UL 94V0 rate flame retardant
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Mounting position: Any
Weight: 0.40 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HER
201G
HER
202G
HER
203G
HER
204G
HER
205G
HER
206G
HER
207G
HER
208G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
oC
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
60
A
Maximum Instantaneous Forward Voltage
@ 2.0A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@TA=25
oC at Rated DC Blocking Voltage
@ TA=125
oC
IR
5.0
150
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
50
75
nS
Typical Junction Capacitance
( Note 2 )
Cj
35
20
pF
Typical Thermal Resistance
RθJA
60
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.
HER201G-HER208G
2.0 AMP. Glass Passivated High Efficient Rectifiers
ht
t
p
:
//
www.lgesemi .com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - HER201G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER201G JGD-HER201G Datasheet
172Kb / 2P
2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
GOOD-ARK Electronics
HER201G GOOD-ARK-HER201G Datasheet
118Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Leshan Radio Company
HER201G LRC-HER201G Datasheet
61Kb / 2P
24 HIGH EFFICIENCY GPP DIODES
logo
Micro Commercial Compon...
HER201G MCC-HER201G Datasheet
311Kb / 2P
Passivated High Efficient Rectifiers 50 to 1000 Volts 2.0 Amp Glass
logo
Won-Top Electronics
HER201G WTE-HER201G Datasheet
58Kb / 4P
2.0A GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - HER201G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER201G TSC-HER201G Datasheet
68Kb / 2P
2.0 AMPS. Glass Passivated High Efficient Rectifiers
HER201G TSC-HER201G_1 Datasheet
267Kb / 2P
2.0 AMPS. Glass Passivated High Efficient Rectifiers
HER501G TSC-HER501G Datasheet
269Kb / 2P
5.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Micro Commercial Compon...
EGP20A MCC-EGP20A_08 Datasheet
144Kb / 5P
2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
logo
Taiwan Semiconductor Co...
HER101G TSC-HER101G_10 Datasheet
611Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101SG TSC-HER101SG_10 Datasheet
588Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
HER201G TSC-HER201G_10 Datasheet
586Kb / 2P
2.0 AMPS. Glass Passivated High Efficient Rectifiers
HT11G TSC-HT11G_10 Datasheet
563Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
MUR160 TSC-MUR160_10 Datasheet
504Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
UF4001 TSC-UF4001_10 Datasheet
599Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com