Electronic Components Datasheet Search
  English  ▼

X  

LL41 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LL41
Description  Small-Signal Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LL41 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LL41 Datasheet HTML 1Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
m
r
e
h
T
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(Ratings at 25oC ambient temperature unless otherwise specified.)
For general purpose applications.
This diode features low turn-on voltage and high break-down
voltage.
This device is protected by a PN junction guard ring against
excessive voltage, such as electrostatic discharges
This diode is also available in the DO-35 case with type
designation BAT41.
Case: MiniMELF Glass Case (SOD-80)
Weight: approx. 0.05g
Cathode Band Color: Green
1
4
L
L
e
d
o
i
D
l
a
n
g
i
S
-
ll
a
m
S
e
d
o
i
D
y
k
t
t
o
h
c
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
0
1s
t
l
o
V
T
t
a
t
n
e
r
r
u
c
s
u
o
u
n
i
t
n
o
c
d
r
a
w
r
o
F
b
m
a
5
2
=
oCI
F
0
0
1
)
1
(
A
m
t
n
e
r
r
u
c
d
r
a
w
r
o
f
k
a
e
p
e
v
i
t
i
t
e
p
e
R
t
t
a
p
,
s
1
<
δ<
T
,
5
.
0
b
m
a
5
2
=
oC
I
M
R
F
0
5
3
)
1
(
A
m
t
t
a
t
n
e
r
r
u
c
d
r
a
w
r
o
f
e
g
r
u
S
p
T
,
s
m
0
1
=
b
m
a
5
2
=
oCI
M
S
F
0
5
7
)
1
(
A
m
T
t
a
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
b
m
a
5
2
=
oCP
t
o
t
0
0
4
)
1
(
W
m
r
i
a
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
TR
θ A
J
0
0
3
)
1
(o
W
/
C
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
JT
j
5
2
1
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
o
t
n
e
i
b
m
AT
b
m
a
5
2
1
+
o
t
5
6
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
S
0
5
1
+
o
t
5
6
-
oC
701
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
J=25
oC unless otherwise noted.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
b
e
s
r
e
v
e
RV
R
)
R
B
(
0
0
1
u
0
0
3
/
A
S
u
s
e
s
l
u
p0
0
10
1
1-
s
t
l
o
V
t
n
e
r
r
u
c
e
g
a
k
a
e
L
t
t
s
e
t
e
s
l
u
p
p
0
0
3
=
us
I
R
V
R
T
,
V
0
5
=
j
5
2
=
OC
V
R
T
,
V
0
5
=
j
0
0
1
=
OC
-
-
-
-
0
0
1
0
2
nA
uA
e
g
a
t
l
o
v
d
r
a
w
r
o
F
t
t
s
e
t
e
s
l
u
p
p
0
0
3
=
us
V
F
I
F
A
m
1
=
I
F
A
m
0
0
2
=
-
-
0
4
.
0
-
5
4
.
0
0
.
1
t
l
o
V
e
c
n
a
t
i
c
a
p
a
CC
t
o
t
V
R
z
H
M
1
=
f
,
V
1
=-
2
-
pF
e
m
i
t
y
r
e
v
o
c
e
r
e
s
r
e
v
e
Rt
r
r
I
F
I
,
A
m
0
1
=
R
,
A
m
0
1
=
I
o
t
R
R
,
A
m
1
=
L
0
0
1
=
Ω
-5
-
ns
Notes:
1. Valid provided that electrodes are kept at ambient temperature


Similar Part No. - LL41

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
logo
Vishay Siliconix
LL41 VISHAY-LL41 Datasheet
142Kb / 5P
Small Signal Schottky Diode
21-Jul-06
logo
SynSemi, Inc.
LL41 SYNSEMI-LL41 Datasheet
28Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Jinan Jingheng (Group) ...
LL41 JINANJINGHENG-LL41 Datasheet
57Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL41 BILIN-LL41 Datasheet
246Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
More results

Similar Description - LL41

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAS29 FAIRCHILD-BAS29 Datasheet
58Kb / 2P
Small Signal Diode
BAS35 FAIRCHILD-BAS35 Datasheet
29Kb / 2P
Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
Small Signal Diode
FDLL914 FAIRCHILD-FDLL914_07 Datasheet
101Kb / 4P
Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
Small Signal Diode
logo
Isahaya Electronics Cor...
MC2836 ISAHAYA-MC2836 Datasheet
239Kb / 4P
SMALL-SIGNAL DIODE
logo
GOOD-ARK Electronics
BAT48 GOOD-ARK-BAT48 Datasheet
105Kb / 3P
Small-Signal Diode
logo
Fairchild Semiconductor
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
Small Signal Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com