Electronic Components Datasheet Search
  English  ▼

X  

MA3V176E Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA3V176E
Description  Silicon epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3V176E Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA3V176E Datasheet HTML 1Page - Panasonic Semiconductor MA3V176E Datasheet HTML 2Page - Panasonic Semiconductor MA3V176E Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Switching Diodes
181
MA3V175E, MA3V176E
IF  VF
IR  Ta
VF  Ta
IR  VR
IR  VR
IR  Ta
Ct  VR
10−2
0
0.2
0.4
0.6
0.8
1.0
1.2
10−1
1
10
102
103
Forward voltage V
F
(V)
Ta
= 125°C
75
°C
25
°C
− 20°C
10−3
0
20406080
100
120
10−2
10−1
1
10
102
Reverse voltage V
R
(V)
Ta
= 125°C
75
°C
25
°C
MA3V175E
10−3
0
20406080
100
120
10−2
10−1
1
10
102
Reverse voltage V
R
(V)
Ta
= 125°C
75
°C
25
°C
MA3V176E
0
1.2
1.0
0.8
0.6
0.4
0.2
−40
0
40
80
120
160
Ambient temperature T
a
(
°C)
IF
= 10 mA
1 mA
3 mA
0.1 mA
10−3
−40
0
40
80
120
160
10−2
10−1
1
10
102
Ambient temperature T
a
(
°C)
MA3V175E
VR
= 40 V
20 V
10−3
−40
0
40
80
120
160
10−2
10−1
1
10
102
Ambient temperature T
a
(
°C)
MA3V176E
VR
= 80 V
40 V
Reverse voltage V
R
(V)
10
10
0.2
0.4
0.6
0.8
1
2
4
6
8
08
12
4
16202428323640
f
= 1 MHz
Ta
= 25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com