Electronic Components Datasheet Search
  English  ▼

X  

MA700 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA700
Description  Silicon epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA700 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA700 Datasheet HTML 1Page - Panasonic Semiconductor MA700 Datasheet HTML 2Page - Panasonic Semiconductor MA700 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diodes (SBD)
1
Publication date: August 2001
SKH00001AED
MA2C700, MA2C700A (MA700, MA700A)
Silicon epitaxial planar type
For wave detection
For super high speed switching
I Features
• Low forward voltage V
F and good wave detection efficiency η
• Small temperature coefficient of forward characteristic
• Small reverse current I
R
• High-density mounting (5 mm pitch insertion) is possible
• DO-34-A1(DHD) package
I Absolute Maximum Ratings T
a = 25°C
Parameter
Symbol
Rating
Unit
Reverse voltage (DC) MA2C700
VR
15
V
MA2C700A
30
Peak reverse voltage MA2C700
VRM
15
V
MA2C700A
30
Peak forward current
IFM
150
mA
Forward current (DC)
IF
30
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC) MA2C700
IR
VR = 15 V
100
nA
MA2C700A
VR
= 30 V
150
Forward voltage (DC)
VF1
IF
= 1 mA
0.4
V
VF2
IF = 30 mA
1
Terminal capacitance
Ct
VR
= 1 V, f = 1 MHz
1.3
pF
Reverse recovery time *
trr
IF
= I
R
= 10 mA
1
ns
Irr = 1 mA, RL = 100 Ω
Detection efficiency
η
Vin
= 3 V
(peak) , f
= 30 MHz
60
%
RL = 3.9 kΩ, CL = 10 pF
I Electrical Characteristics T
a = 25°C
Note) 1. This product is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body
and the leakage of current from the operating equipment.
 
2. Rated input/output frequency: 2 GHz
3. *: trr measuring instrument
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
Wave Form Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 10 mA
I
R = 10 mA
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 1 mA
t
r
t
p
t
rr
V
R
I
F
t
t
A
Type No.
MA2C700 MA2C700A
Color
1st Band
Silver
Silver
2nd Band
Green
I Cathode Mark
1 : Cathode
2 : Anode
DO-34-A1
Unit: mm
1st Band
2nd Band
0.2 max.
13.0 min.
13.0 min.
2.2±0.3
φ 1.6±0.2
2.3±0.3
Cathode
Anode
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - MA700

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MA700 BILIN-MA700 Datasheet
48Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
SEMTECH ELECTRONICS LTD...
MA700 SEMTECH_ELEC-MA700 Datasheet
127Kb / 1P
SILICON EPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
logo
EIC discrete Semiconduc...
MA700 EIC-MA700 Datasheet
102Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Shenzhen Luguang Electr...
MA700 LUGUANG-MA700 Datasheet
152Kb / 3P
Small Signal Schottky Diodes
logo
Jinan Jing Heng Electro...
MA700 JINGHENG-MA700 Datasheet
55Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - MA700

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
Silicon epitaxial planar type
MA2S377 PANASONIC-MA2S377 Datasheet
38Kb / 2P
Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
Silicon epitaxial planar type
MA2X335 PANASONIC-MA2X335 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2X707 PANASONIC-MA2X707 Datasheet
41Kb / 2P
Silicon epitaxial planar type
MA2Z365 PANASONIC-MA2Z365 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2Z367 PANASONIC-MA2Z367 Datasheet
40Kb / 2P
Silicon epitaxial planar type
MA2Z720 PANASONIC-MA2Z720 Datasheet
42Kb / 2P
Silicon epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com