Electronic Components Datasheet Search
  English  ▼

X  

1472-2 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 1472-2
Description  10 Kilowatts peak
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

1472-2 Datasheet(HTML) 1 Page - API Technologies Corp

  1472-2 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax: 301-846-9116
web: www.weinschel
.apitech.com s email: weinschel-sales@apitech.com
130
Revision Date:
08/03/2016
Terminations & Loads
CONSTRUCTION: Aluminum alloy body, stainless steel
connectors; gold plated beryllium copper contacts.
WEIGHT: 700 g (24.6 oz.) maximum
PHYSICAL DIMENSIONS:
Features
o Precision Connectors with high temperature
support beads.
o Designed to meet environmental requirements of
MIL-DTL-3933.
o 10 Kilowatts peak, Conduction Cooled
o Wireless Applications - Optimized for use in the
communications bands.
Specifications
NOMINAL IMPEDANCE:
50
Ω
FREQUENCY RANGE:
dc to 6.0 GHz
Model 1472
dc to 6.0 GHz
High Power, N or SMK Connectors
400 Watts
Conduction Cooled
Frequency (GHz)
SWR
dc - 6
1.20
MAXIMUM SWR:
RoHS
3rd ORDER INTERMODULATION (1472-X-LIM ONLY):
Reflected Levels (IM3), -100 dBc with two input signals @
869 MHz and 891 MHz with average carrier power levels of
+43 dBm each.
POWER RATING: 400 watts average, 10 kilowatt peak (5
μsec pulse width; 2.0% duty cycle) with case temperature
held within 100 °C maximum with appropriate conductive
heat sink.
TEMPERATURE RANGE: -55°C to 100°C
TEST DATA: Swept data plots of SWR from 50 MHz to
6 GHz is available at additional cost.
CONNECTORS: Type N connector per MIL-STD-348 inter-
face dimensions - mate nondestructively with MIL-C-39012
connector. Choice of male (-4) or female connector (-3).
SMK (2.92mm) connector mates nondestructively with SMA
per MIL-C-39012, 3.5mm and other 2.92mm (SMK) connec-
tor. Choice of male (-2) or female connector (-1).
MODEL NUMBER DESCRIPTION:
Example:
1472 - X - LIM
Basic
Model
Number
Connector Options
1st digit is input side
2nd digit is output side
IM Option*
NOTE: All dimensions are given in mm (inches) and are
nominal, unless otherwise specified.
Model #
DIM A
Connector Type
1472-1
12.7 (0.50)
2.92mm female
1472-2
14.0 (0.55)
2.92mm male
1472-3
15.0 (0.59)
N female
1472-4
22.9 (0.90)
N male
* Add -LIM to entire model number for Low Intermodulation option.


Similar Part No. - 1472-2

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1472132 PHOENIX-1472132 Datasheet
357Kb / 11P
MINI MCR-EX-T-I-PT-C - Temperature measuring transducer
logo
Adels-Contact
147222 ADELS-147222 Datasheet
114Kb / 2P
AC 164 BU/ 2 OV pastel blue
12/11/2019
logo
Festo Corporation.
1472239 FESTO-1472239 Datasheet
70Kb / 1P
Adapter kit
logo
Weidmuller
1472240000 WEIDMULLER-1472240000 Datasheet
346Kb / 5P
SL 7.62HP/02/270G 3.2SN BK BX
logo
Adels-Contact
147225 ADELS-147225 Datasheet
114Kb / 2P
AC 164 BU/ 5 OV pastel blue
12/11/2019
More results

Similar Description - 1472-2

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLPL85 OSRAM-SPLPL85 Datasheet
216Kb / 6P
Pulsed Laser Diode in Plastic Package 10 W Peak Power
logo
STMicroelectronics
BZW04-28B STMICROELECTRONICS-BZW04-28B Datasheet
124Kb / 6P
PEAK PULSE POWER : 400 W (10/1000ms)
Feb-2003
BZW06-10BRL STMICROELECTRONICS-BZW06-10BRL Datasheet
176Kb / 6P
PEAK PULSE POWER 600 W (10/1000ms)
Feb-2003
BZW06-31RL STMICROELECTRONICS-BZW06-31RL Datasheet
176Kb / 6P
PEAK PULSE POWER 600 W (10/1000ms)
Feb-2003
logo
Bruckewell Technology L...
3.0SMCJ_5.0_220A BWTECH-3.0SMCJ_5.0_220A Datasheet
595Kb / 7P
3000W peak pulse power capability with a 10/1000us waveform
logo
M.S. Kennedy Corporatio...
MSK541 MSK-MSK541_15 Datasheet
246Kb / 8P
High Output Current - 10 Amps Peak
MSK2541 MSK-MSK2541_15 Datasheet
191Kb / 7P
High Output Current - 10 Amps Peak
logo
Shanghai Leiditech Elec...
FZT955 LEIDITECH-FZT955 Datasheet
1Mb / 3P
4 Amps continuous current (10 Amps peak current)
logo
Efficient Power Convers...
EPC21601 EPC-CO-EPC21601 Datasheet
1Mb / 9P
40 Volt, 10 Amp Peak, High-Frequency, Integrated Laser Driver
EPC21603 EPC-CO-EPC21603 Datasheet
824Kb / 9P
40 Volt, 10 Amp Peak, High-Frequency, Integrated Laser Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com