Electronic Components Datasheet Search
  English  ▼

X  

1475 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 1475
Description  Quality injection molded connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

1475 Datasheet(HTML) 1 Page - API Technologies Corp

  1475 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frequency (GHz)
SWR (maximum)
dc - 18.0
1.90
1
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax: 301-846-9116
web: www.weinschel
.apitech.com s email: weinschel-sales@apitech.com
Revision Date:
08/03/2016
Terminations & Loads
Model 1475
dc to 18.0 GHz
High Power, N & 3.5mm Connectors
150 Watts
Convection Cooled
RoHS
DIM
“A”
NOTE: All dimensions are given in mm (inches) and are maximum, unless otherwise specified.
POWER RATING (mounted horizontally):
150 watts
average @ case temperature of -55°C to +100 °C maxi-
mum. 1 kilowatt peak (5
μsec pulse width; 7.5% duty cycle).
TEMPERATURE RANGE: -55°C to 100°C (case temp.)
TEMPERATURE RANGE: -55°C to +125°C
TEST DATA: Swept data plots of SWR from 50 MHz to
18 GHz is available at additional cost.
CONNECTOR: Type N connector - mate nondestructively
with MIL-C-39012 connector. Choice of male (-4) or female
connector (-3).
3.5mm connector mate nondestructively with SMA per
MIL-C-39012, 2.92mm and other 3.5mm connector. Choice
of male (-2) or female connector (-1).
CONSTRUCTION: Aluminum alloy body, stainless steel
connectors; gold plated beryllium copper contacts.
WEIGHT: 480 g (17 oz.) maximum
Features
o Quality injection molded connectors.
o Designed to meet environmental requirements of
MIL-DTL-3933.
o Broadband performance, ideal for test
applications.
Specifications
NOMINAL IMPEDANCE: 50
Ω
FREQUENCY RANGE:
dc to 18.0 GHz
PHYSICAL DIMENSIONS:
Connector
DIM A
Connector
DIM A
N Male
24.1 (0.95)
3.5mm Female
14.0 (0.55)
N Female
19.0 (0.75)
3.5mm Male
13.2 (0.52)
MAXIMUM SWR:


Similar Part No. - 1475

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
1475 ADAFRUIT-1475 Datasheet
98Kb / 1P
USB Audio Adapter - Works with Raspberry Pi
logo
Tyco Electronics
1475104-1 MACOM-1475104-1 Datasheet
25Kb / 1P
LAMBDA CONNECTOR ASSY
logo
PHOENIX CONTACT
1475114 PHOENIX-1475114 Datasheet
336Kb / 9P
ICC25-PPC2,5/4-5,0-AA-6021 - PCB connector
1475131 PHOENIX-1475131 Datasheet
557Kb / 9P
ICC25-H/4R5,0-6021 - PCB header
logo
Tyco Electronics
147547-000 MACOM-147547-000 Datasheet
234Kb / 2P
D-SCE Fluid resistant heat-shrinkable wire identification sleeves
More results

Similar Description - 1475

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L584 STMICROELECTRONICS-L584 Datasheet
178Kb / 13P
MULTIFUNCTION INJECTION INTERFACE
Nov-1988
logo
List of Unclassifed Man...
EVD25P ETC1-EVD25P Datasheet
383Kb / 3P
MILITARY QUALITY REMOVABLE CONTACT, SUBMINIATURE-D CONNECTORS
logo
National Semiconductor ...
LMH6321TS NSC-LMH6321TS Datasheet
24Kb / 2P
VP Quality
logo
P-tec Corporation
PLSO-LM3528-12-3X P-TEC-PLSO-LM3528-12-3X Datasheet
291Kb / 4P
LED INJECTION MODULES
logo
List of Unclassifed Man...
76395 ETC2-76395 Datasheet
789Kb / 2P
Wiha Quality Tools Wiha Socket Sets On Molded Rails
logo
Laird Tech Smart Techno...
EXR LSTD-EXR Datasheet
721Kb / 1P
Injection molded high performance flexible cable antenna
WXR LSTD-WXR Datasheet
1Mb / 1P
Injection molded high performance flexible cable antenna
EXE LSTD-EXE Datasheet
734Kb / 1P
Injection molded 쩌 wave helical antenna
logo
API Technologies Corp
1430 APITECH-1430 Datasheet
510Kb / 1P
Rugged injection molded connector
1431 APITECH-1431 Datasheet
512Kb / 1P
Rugged injection molded connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com