Electronic Components Datasheet Search
  English  ▼

X  

1479-2 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 1479-2
Description  Low Passive Intermodulation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

1479-2 Datasheet(HTML) 1 Page - API Technologies Corp

  1479-2 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Revision Date: 10/12/2015
Terminations & Loads
© API Weinschel, Inc. Proprietary Information | weinschel.apitech.com | weinschel-sales@apitech.com | 301-846-9222 , 800-638-2048
WEINSCHEL
Model 1479
dc to 6.5 GHz
Low Passive Intermodulation
175 Watts
N or SMK Connectors, Convection Cooled
RoHS
MAXIMUM SWR:
Frequency (GHz)
SWR
dc - 4
1.10
4 - 6.5
1.15
SPECIFICATIONS
NOMINAL IMPEDANCE: 50
Ω
FREQUENCY RANGE:
dc to 6.5 GHz
78.74 ± 2.54
(3.10 ± .10)
55.88 ± 2.54
(2.20 ± .10)
DIM A
TYP
198.12 ± 2.54
(7.80 ± .10)
CAGE
93459
J1
Input
MODEL: 1479-X
SERNO: XXXX
POWER RATING: 175 watts average (mounted horizon-
tally assuming unobstructed air flow and natural
convection around unit) @ 25°C ambient temperature,
derated linearly to 17 watts @ 125°C. 10 kilowatts peak
(5
μsec pulse width; 0.9% duty cycle).
TEMPERATURE RANGE: -55°C to +125°C
TEST DATA: Swept data plots of SWR from 50 MHz to
6.5 GHz is available at additional cost.
CONNECTOR: Type N connector per MIL-STD-348 inter-
face dimensions - mate nondestructively with MIL-C-39012
connector. SMK (2.92mm) connectors - mate nondestruc-
tively with SMA per MIL-C-39012, 3.5mm, SMK, and other
2.92mm connectors.
Options
Description
Options
Description
1
SMK Female
3
Type N Female
2
SMK Male
4
Type N Male
CONSTRUCTION: Black, finned aluminum body, stainless
steel connector; gold plated beryllium copper female con-
tact or stainless steel male contact.
WEIGHT: Net 1,300 g (2 lbs., 14 oz.) maximum
MODEL NUMBER DESCRIPTION:
Example:
1479 - X
PHYSICAL DIMENSIONS:
Basic
Model
Number
Connector
Option
PASSIVE INTERMODULATION (PIM) IM3 LEVELS:
IM3
(Reflected) = -120 dBc with two input signals @ 869 MHz
and 891 MHz with an average power of +43 dBm each.
NOTE:
All dimensions are given in mm (inches) and
are maximum, unless otherwise specified.
Connector
DIM A
Connector
DIM A
N Male
22.9 (0.90)
SMK Male
14.0 (0.55)
N Female
15.0 (0.59)
SMK Female
12.7 (0.50)
FEATURES
o Low PIM design
o Lower profile design
o Quality connectors with special high temperature
support beads
o Rugged construction, free of solder joints.
Note: Specifications subject to change without notice.


Similar Part No. - 1479-2

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1479460000 WEIDMULLER-1479460000 Datasheet
90Kb / 4P
BLAC 16BR OR
1479680000 WEIDMULLER-1479680000 Datasheet
597Kb / 5P
Unique multi-voltage input from 24 to 230 V UC
1479770000 WEIDMULLER-1479770000 Datasheet
904Kb / 11P
TERMSERIES, Relay module, No. of contacts: 1
1479780000 WEIDMULLER-1479780000 Datasheet
742Kb / 6P
TERMSERIES TRS 24VDC 1NO HC
January 10, 2019 2:13:10 PM
1479820000 WEIDMULLER-1479820000 Datasheet
597Kb / 5P
Unique multi-voltage input from 24 to 230 V UC
More results

Similar Description - 1479-2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
EB38 MOTOROLA-EB38 Datasheet
275Kb / 4P
MEASURING THE INTERMODULATION DISTORTION OF LINEAR AMPLIFIERS
logo
Toshiba Semiconductor
TIM4450-60SL TOSHIBA-TIM4450-60SL Datasheet
80Kb / 4P
LOW INTERMODULATION DISTORTION
Aug-2003
logo
Aeroflex Circuit Techno...
FA4489 AEROFLEX-FA4489 Datasheet
353Kb / 4P
9 CHANNEL PRESELECTOR ULTRA LOW INTERMODULATION DISTORTION 1 MHZ - 1200 MHZ
logo
Texas Instruments
TPIC84000-Q1 TI1-TPIC84000-Q1 Datasheet
839Kb / 29P
LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TPIC84125-Q1 TI1-TPIC84125-Q1 Datasheet
839Kb / 29P
LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
logo
AVX Corporation
ML03211R8PAT2A AVX-ML03211R8PAT2A Datasheet
127Kb / 1P
Organic Passive Components Low ESR Microwave Capacitors
logo
List of Unclassifed Man...
MF312 ETC2-MF312 Datasheet
66Kb / 1P
Passive Modulartaskopfe/ Passive Modular Probes
logo
Texas Instruments
TPIC84125TPWPRQ1 TI-TPIC84125TPWPRQ1 Datasheet
1,022Kb / 29P
LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TRF4140-Q1 TI1-TRF4140-Q1 Datasheet
395Kb / 12P
Abstract Low-Frequency Transceiver for Immobilizer, Passive Start, Passive Entry, and Wireless Charging Systems
logo
API Technologies Corp
1447 APITECH-1447 Datasheet
414Kb / 1P
Low Intermodulation Design
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com