Electronic Components Datasheet Search
  English  ▼

X  

1490 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 1490
Description  High Power Termination
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

1490 Datasheet(HTML) 1 Page - API Technologies Corp

  1490 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page #
Rev Date:
© Weinschel Proprietary Information
|
weinschel.apitech.com
|
+1 (301) 846-9222
|
weinschelsales@apitech.com
Technical Specifications
Mechanical Specifications
Features
Nominal Impedance
50 Ω
Frequency Range
DC to 18.0 GHz
Maximum SWR
Frequency
SWR
DC – 18.0 GHz
1.60
Power Rating
- 250 W average at 25°C ambient.
- Derated to 25 W average at 125° C
- 1 KW peak @ 5 μsec pulse width & 1.25% duty cycle
Temperature Range
-55°C to 125°C
Construction
Aluminum alloy body,
stainless steel connectors &
gold plated contacts.
Weight
1400g (50 oz)
Connectors
Options
Type
Description
1
2
3.5 mm Female
3.5 mm Male
Mates nondestructively
with SMA, SMK and
3.5 mm connectors
3
4
N Female
N Male
Interface dimensions per
MIL-STD 348 &
IEC 60169-16. Mates
non-destructively with
MIL-PRF-39012 connector.
Connectors - N or 3.5mm
Model 1490
High Power Termination – 250 Watts, DC-18.0 GHz
•
Quality high temperature connectors
•
Designed to meet environmental
requirements of MIL-DTL-3933
•
Broadband performance, ideal for test
applications
•
RoHS Compliant
3/31/2017
1
1.0
1.2
1.4
1.6
1.8
0
2
4
6
8
10
12
14
16
18
Frequency (GHz)
Model Number Description
1490– X
Basic
Model #
Connector Option
Typical SWR


Similar Part No. - 1490

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1490 HAMMOND-1490 Datasheet
199Kb / 4P
Bo챤tiers pour boutons-poussoirs en acier doux de type 12
logo
Heyco.
1490 HEYCO-1490 Datasheet
112Kb / 1P
Original Strain Relief Bushings
logo
Ashcroft, Inc.
1490 ASHCROFT-1490 Datasheet
689Kb / 5P
1490 Low Pressure Diaphragm Gauge
RevC_10-06-22
logo
Keystone Electronics Co...
1490 KEYSTONE-1490 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Molex Electronics Ltd.
1490-P MOLEX1-1490-P Datasheet
121Kb / 4P
2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing
More results

Similar Description - 1490

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
750-745-XX ATM-750-745-XX Datasheet
71Kb / 1P
OUTLINE, WRD750 TERMINATION, HIGH POWER
580-745-XX ATM-580-745-XX Datasheet
59Kb / 1P
OUTLINE, WRD580 HIGH POWER TERMINATION
580-745A-XX ATM-580-745A-XX Datasheet
58Kb / 1P
OUTLINE WRD580 HIGH POWER TERMINATION
284-760-X ATM-284-760-X Datasheet
56Kb / 1P
OUTLINE, WR284 VERY HIGH POWER TERMINATION
180-780-150-XX ATM-180-780-150-XX Datasheet
92Kb / 1P
OUTLINE, HIGH POWER WRD180 TERMINATION
112-760-X ATM-112-760-X Datasheet
38Kb / 1P
OUTLINE, WR112 VERY HIGH POWER TERMINATION
90-760-X ATM-90-760-X Datasheet
56Kb / 1P
OUTLINE, WR90 760 SERIES VERY HIGH POWER TERMINATION
75-137-760-X ATM-75-137-760-X Datasheet
73Kb / 1P
OUTLINE, WR75 VERY HIGH POWER TERMINATION
62-187-760-X ATM-62-187-760-X Datasheet
75Kb / 1P
OUTLINE, WR62 VERY HIGH POWER TERMINATION
logo
California Eastern Labs
CG2176X3_17 CEL-CG2176X3_17_09 Datasheet
953Kb / 9P
50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com