Electronic Components Datasheet Search
  English  ▼

X  

1492LIM Datasheet(PDF) 1 Page - API Technologies Corp

Part # 1492LIM
Description  Low PIM Termination
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

1492LIM Datasheet(HTML) 1 Page - API Technologies Corp

  1492LIM Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page #
Rev Date:
© Weinschel Proprietary Information
|
weinschel.apitech.com
|
+1 (301) 846-9222
| weinschelsales@apitech.com
Technical Specifications
Mechanical Specifications
Features
Nominal Impedance
50 Ω
Frequency Range
DC to 6.0 GHz
Maximum SWR
Frequency
SWR
DC – 6.0 GHz
1.15
Power Rating
•
100 watt average, unidirectional at 25°C ambient
•
Derated to 10 watts at 125°C
•
10 KW peak at 5 µsec pulse width and 0.05% duty cycle
Temperature Range
-55°C to +125°C
Reflected Passive Intermodulation (PIM) Levels
3rd order IM Magnitude (IM3)
-130 dBc
IM3 Test Conditions
Reflected IM3 tested with two input signals at 869 MHz and 891
MHz with average carrier power levels of +43 dBm each.
Construction
Black finned, aluminum
alloy body; Low PIM
connector construction
Weight
580 g (20.5 oz) maximum
Connectors
Options
Type
Description
3
N
Female
Interface dimensions per
MIL-STD 348 & IEC 60169-16.
Mates non-destructively with
MIL-PRF-39012 connector.
4
N Male
Model Number Description
1492 – X – LIM
Connectors - Type N
Model 1492 LIM
Low PIM Termination– 100 Watts, DC- 6.0 GHz
•
Low Passive Intermodulation Design (PIM)
•
Smaller & lighter than coupler based designs
•
100% tested for IM3
•
Designed for mobile infrastructure applications
•
RoHS Compliant
3/31/2017
1
Basic
Model No.
Connector
Option
Connector Dimensions
Connector Option
Dim A mm (in)
Connector Option
Dim A mm (in)
N Male
23 (0.90)
N Female
14 (0.60)
NOTE: All dimensions are given in mm (inches) and are maximum, unless otherwise specified.


Similar Part No. - 1492LIM

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
1492 ADAFRUIT-1492 Datasheet
194Kb / 2P
Adafruit 50 pin 0.5mm pitch FPC Adapter
2/23/2015
logo
Keystone Electronics Co...
1492 KEYSTONE-1492 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
List of Unclassifed Man...
1492-01A-5 ETC-1492-01A-5 Datasheet
998Kb / 8P
End Launch Connector Series
1492-01A-6 ETC-1492-01A-6 Datasheet
998Kb / 8P
End Launch Connector Series
1492-02A-5 ETC-1492-02A-5 Datasheet
998Kb / 8P
End Launch Connector Series
More results

Similar Description - 1492LIM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
EMP50P12B IRF-EMP50P12B Datasheet
769Kb / 15P
PIM
logo
Pulse A Technitrol Comp...
DASLTEDIN PULSE-DASLTEDIN Datasheet
3Mb / 4P
Low PIM In-building Omni Antenna V
DASCOUPXXDBNF PULSE-DASCOUPXXDBNF Datasheet
166Kb / 2P
Directional Coupler, 698-2700 MHz, Low PIM
DASCOUP10DBNF PULSE-DASCOUP10DBNF Datasheet
166Kb / 2P
Directional Coupler 698-2700 MHz, Low PIM
logo
API Technologies Corp
1491LIM APITECH-1491LIM Datasheet
144Kb / 2P
Low PIM Termination
logo
Willow Technologies Ltd
CCP-37S WILLOW-CCP-37S Datasheet
377Kb / 6P
Commercial Latching TRANSFER, DC-3GHz, Low PIM
CCP-47D WILLOW-CCP-47D Datasheet
405Kb / 6P
Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
CCP-33D WILLOW-CCP-33D Datasheet
406Kb / 6P
Commercial Failsafe SPDT, DC-3GHz, Low PIM
CCP-32N WILLOW-CCP-32N Datasheet
408Kb / 6P
Low PIM DC?? GHz
logo
Teledyne Technologies I...
CCP-37S TELEDYNE-CCP-37S Datasheet
377Kb / 6P
Low PIM Latching TRANSFER Coaxial Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com