Electronic Components Datasheet Search
  English  ▼

X  

1534 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 1534
Description  Broadband Resistive Power Splitter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

1534 Datasheet(HTML) 1 Page - API Technologies Corp

  1534 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax: 301-846-9116
web: www.weinschel
.apitech.com s email: weinschel-sales@apitech.com
158
Revision Date:
08/03/2016
Power Splitters & Dividers
Model 1534
dc to 40.0 GHz
Broadband Resistive Power Splitter
1 Watt
(Matching), Subminiature, SMK Connectors
Features
These resistive power splitters are intended for RF and
wireless applications in which one of the two outputs is
included in a leveling loop or is used as a reference in a
ratio system, for the purpose of providing an output signal
whose source impedance is essentially matched to 50
Ω.
Some examples are:
o A dual-channel insertion loss measuring system where
the resistive power splitter provides a reference and a
signal channel for ratio meter.
o A parallel IF substitution insertion loss measuring
system where the resistive power splitter provides a
sampled output for leveling the signal source.
o A precision power source where a power meter of
known characteristics is used, either by ratio or leveling
to provide a calibrated output.
Specifications
NOMINAL IMPEDANCE: 50
Ω
FREQUENCY RANGE: dc to 40.0 GHz
INSERTION LOSS: 6 dB nominal, 8.0 dB maximum to
26.5, 10.5 dB to 40 GHz
(Between input and either output)
MAXIMUM INPUT POWER: 1.0 watt CW (Input Connector
only)
TEMPERATURE RANGE:
Operating:
-55°C to +85°C
Storage:
-55°C to +125°C
TEST DATA: Insertion Loss, SWR, and Tracking measure-
ments performed across the frequency band.
Test data
available at additional cost.
CONNECTORS: Female SMK (2.92mm) connectors all
ports--mate nondestructively with SMA, 2.92mm and other
2.92mm and 3.5mm connectors.
WEIGHT: 25 g (0.9 oz) maximum
PHYSICAL DIMENSIONS:
NOTE:
All dimensions are given in mm (inches) and are
maximum, unless otherwise specified.
AMPLITUDE & PHASE RACKING (Maximum):
Frequency (GHz)
Tracking
Amplitude
Phase
dc - 18
<0.20 dB
<2°
18 - 26.5
<0.30 dB
<2°
26.5 - 40
<0.50 dB
<4°
EQUIVALENT OUTPUT SWR (Port 2 & 3):
Frequency (GHz)
Maximum SWR
dc - 26.5
1.35
26.5 - 40
160
*When used in a leveling or ration system.
MAXIMUM INPUT SWR:
Frequency (GHz)
Maximum SWR
dc - 18
1.25
18 - 26.5
1.40
26.5 - 40
1.60
RoHS


Similar Part No. - 1534

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1534-1 STMICROELECTRONICS-1534-1 Datasheet
42Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Turck, Inc.
1534006 TURCK-1534006 Datasheet
232Kb / 3P
Inclinometer
11/07/2023
1534007 TURCK-1534007 Datasheet
232Kb / 3P
Inclinometer
11/07/2023
1534008 TURCK-1534008 Datasheet
232Kb / 3P
Inclinometer
11/07/2023
1534012 TURCK-1534012 Datasheet
231Kb / 3P
Inclinometer
11/07/2023
More results

Similar Description - 1534

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1506A APITECH-1506A Datasheet
521Kb / 1P
Broadband Resistive Power Divider
1507R APITECH-1507R Datasheet
538Kb / 1P
Broadband Resistive Power Splitter
1549R APITECH-1549R Datasheet
530Kb / 1P
Broadband Resistive Power Divider
1575 APITECH-1575 Datasheet
512Kb / 1P
Broadband Resistive Power Divider
1579 APITECH-1579 Datasheet
519Kb / 1P
Broadband Resistive Power Splitter
1593 APITECH-1593 Datasheet
511Kb / 1P
Broadband Resistive Power Splitter
1870A APITECH-1870A Datasheet
516Kb / 1P
Broadband Resistive Power Splitter
logo
JFW Industries, Inc.
75PD-167 JFW-75PD-167 Datasheet
26Kb / 1P
4 PORT RESISTIVE POWER SPLITTER
75PD-168 JFW-75PD-168 Datasheet
26Kb / 1P
8 PORT RESISTIVE POWER SPLITTER
75PD-169 JFW-75PD-169 Datasheet
26Kb / 1P
16 PORT RESISTIVE POWER SPLITTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com