Electronic Components Datasheet Search
  English  ▼

X  

MAX4104ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4104ESA
Description  740MHz, Low-Noise, Low-Distortion Op Amps in SOT23-5
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4104ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4104ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4104ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4104ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4104ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4104ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4104ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4104ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4104ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4104ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
740MHz, Low-Noise, Low-Distortion
Op Amps in SOT23-5
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, VCM = 0, RL = 100Ω; AV = +1V/V for MAX4104, +2V/V for MAX4304, +5V/V for MAX4105, +10V/V for MAX4305;
TA = +25°C; unless otherwise noted.)
CONDITIONS
MHz
625
BW(-3dB)
-3dB Bandwidth
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
20
VOUT = 2Vp-p
f = 1MHz
f = 10MHz
f = 1MHz
Ω
1
ZOUT
Output Impedance
pA/
√Hz
3.1
in
Input Current Noise Density
nV/
√Hz
2.1
en
Input Voltage Noise Density
ns
tS
Settling Time to 0.1%
%
0.01
DG
Differential Gain Error
VOUT = 100mVp-p
MAX4104
MAX4304
MAX4105
MAX4305
340
410
740
MAX4305
MHz
100
BW(0.1)
0.1dB Bandwidth
MAX4104
VOUT = 100mVp-p
MAX4304
MAX4105
70
80
60
MAX4305
MHz
115
FPBW
Full-Power Bandwidth
MAX4104
VOUT = 2Vp-p
MAX4304
MAX4105
320
370
285
MAX4305
V/µs
400
SR
Slew Rate
MAX4104
VOUT = 2Vp-p
MAX4304
MAX4105
1400
1400
1000
to 0.1%
25
to 0.01%
-88
VOUT = 2Vp-p
fC = 5MHz
-67
fC = 20MHz
dBc
SFDR
Spurious-Free
Dynamic Range
-74
fC = 5MHz
-61
fC = 20MHz
MAX4104/
MAX4304
MAX4105/
MAX4305
MAX4104/MAX4304
NTSC, RL = 150Ω
MAX4105/MAX4305
0.02
MAX4105/MAX4305
MAX4104/MAX4304
NTSC, RL = 150Ω
degrees
0.02
0.01
DP
Differential Phase Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com