Electronic Components Datasheet Search
  English  ▼

X  

DSCC03028 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DSCC03028
Description  Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DSCC03028 Datasheet(HTML) 2 Page - Vishay Siliconix

  DSCC03028 Datasheet HTML 1Page - Vishay Siliconix DSCC03028 Datasheet HTML 2Page - Vishay Siliconix DSCC03028 Datasheet HTML 3Page - Vishay Siliconix DSCC03028 Datasheet HTML 4Page - Vishay Siliconix DSCC03028 Datasheet HTML 5Page - Vishay Siliconix DSCC03028 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DSCC 03028
www.vishay.com
Vishay Vitramon
Revision: 11-Jan-17
2
Document Number: 45043
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Detail ratings see “Selection Chart”
Notes
(1) DC voltage rating should not be exceeded in application. Other application factors may affect the MLCC performance.
Consult for questions: mlcc@vishay.com
(2) To receive data package, add “P” to the end of the part number. For example, 03028-BX102BJZCTP.
Group C will be completed and data included with shipment.
Note
• Metric equivalents are given for general information only
QUICK REFERENCE DATA
DIELECTRIC
CASE
MAXIMUM VOLTAGE
(V)
CAPACITANCE
MINIMUM
MAXIMUM
BP
0603
100
1.0 pF
1.0 nF
BR
0603
100
100 pF
100 nF
BX
0603
100
100 pF
100 nF
ORDERING INFORMATION
03028-
BX
102
B
J
Z
-
T
DSCC
NUMBER
DIELECTRIC
CAPACITANCE
NOMINAL CODE
DC VOLTAGE
RATING (1)
CAPACITANCE
TOLERANCE
TERMINATION
GROUP C
TESTING OPTION (2)
PACKAGING
Case code
0603
BP
BR
BX
Expressed in
picofarads (pF).
The first two
digits are
significant, the
third is a
multiplier. An “R”
indicates a
decimal point.
Examples:
1R8 = 1.8 pF
101 = 100 pF
W = 6.3 V
X = 10 V
Y = 16 V
Z = 25 V
A = 50 V
B = 100 V
C = ± 0.25 pF
D = ± 0.5 pF
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
M = ± 20 %
Note:
C, D < 10 pF (BP)
F, G, J, K, M
 10 pF (BP)
J, K, M (BR, BX)
M = silver
palladium
Z = Ni barrier
with tin / lead
plate min.
4 % lead
U = Ni barrier,
solder coated
(min. of 4 %
lead)
C = full group C
L = 2000 h life
test only
M = 1000 h life
test only
H = low voltage
humidity test only
- = no group C
testing
T = 7" reel / plastic tape
C = 7" reel / paper tape
O = 7" reel / flamed paper tape
J = 7" reel (low quantity)
R = 11 1/4" / 13" reel / plastic tape
P = 11 1/4" / 13" reel / paper tape
I = 11 1/4" / 13" reel /
flamed paper tape
B = bulk
Note:
“I” and “O” are used for
“M” termination code
DIMENSIONS in inches (millimeters)
PART ORDERING
NUMBER
LENGTH
(L)
WIDTH
(W)
MAXIMUM
THICKNESS
(T)
TERMINATION PAD
(P)
MINIMUM
MAXIMUM
03028-
0.063 ± 0.006
(1.60 ± 0.15)
0.032 ± 0.006
(0.81 ± 0.15)
0.036
(0.91)
0.008
(0.20)
0.020
(0.51)
L
W
T
MAX.
P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com