Electronic Components Datasheet Search
  English  ▼

X  

T54 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T54
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T54 Datasheet(HTML) 3 Page - Vishay Siliconix

  T54 Datasheet HTML 1Page - Vishay Siliconix T54 Datasheet HTML 2Page - Vishay Siliconix T54 Datasheet HTML 3Page - Vishay Siliconix T54 Datasheet HTML 4Page - Vishay Siliconix T54 Datasheet HTML 5Page - Vishay Siliconix T54 Datasheet HTML 6Page - Vishay Siliconix T54 Datasheet HTML 7Page - Vishay Siliconix T54 Datasheet HTML 8Page - Vishay Siliconix T54 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
T54
www.vishay.com
Vishay
Revision: 05-Oct-17
3
Document Number: 40212
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDED VOLTAGE DERATING GUIDELINES (for temperature below +105 °C)
CAPACITOR VOLTAGE RATING
OPERATING VOLTAGE
16
12.8
25
20.0
30
24.0
35
28.0
50
40.0
63
50.4
75
60.0
CAPACITANCE VS. FREQUENCY
10
100
1000
10000
100
1000
10 000
100
1000
10 000
100 000
1 000 000
T54EE337M016E(1)ZA025
Frequency (Hz)
2nd line
Capacitance
IMPEDANCE AND ESR VS. FREQUENCY
10
100
1000
10000
0.001
0.01
0.1
1
10
1000
100 000
10 000 000
T54EE337M016E(1)ZA025
Frequency (Hz)
2nd line
ESR
Impedance
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT +25 °C (W) IN FREE AIR
EE
0.247
STANDARD PACKAGING QUANTITY
CASE CODE
QUANTITY (PCS/REEL)
7" REEL
½ REEL
EE
400
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com