Electronic Components Datasheet Search
  English  ▼

X  

3054 Datasheet(PDF) 2 Page - API Technologies Corp

Part # 3054
Description  Manual Step, Ruggedized SMA Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

3054 Datasheet(HTML) 2 Page - API Technologies Corp

  3054 Datasheet HTML 1Page - API Technologies Corp 3054 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax: 301-846-9116
web: www.weinschel
.apitech.com s email: weinschel-sales@apitech.com
142
Revision Date:
08/03/2016
Variable Attenuators
SWITCHING LIFE: 1,000,000 steps
REPEATABILITY: +0.1 dB over frequency range and rated
life
ROTATION STOPS: Supplied on 10 dB step drums (not
supplied on 1 dB drums).
INCREMENTAL PHASE SHIFT: ~0.25° per dB x f(GHz)
CONSTRUCTION: Shafting and external hardware and
connector shells: CRES Type 303, per ASTM-A582
passivated per QQ-P-35. Housing: AL ALLOY Gold Flash.
Knob is included with each unit.
TEST DATA: Test data is available at additional cost.
WEIGHT:
Single drum:
Net 125 g (4.4 oz)
Dual drum:
Net 201 g (9.9 oz)
1.10 MAX (27.94)
PHYSICAL DIMENSIONS:
DUAL DRUM
SINGLE DRUM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com