| Electronic Components Datasheet Search |
|
MCP3304 Datasheet(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3304 Datasheet(HTML) 15 Page - Microchip Technology |
|
15 / 40 page ![]() 2002 Microchip Technology Inc. DS21697B-page 15 MCP3302/04 4.0 PIN DESCRIPTIONS The descriptions of the pins are listed in Table 4-1. TABLE 4-1: PIN FUNCTION TABLE 4.1 CH0-CH7 Analog input channels. These pins have an absolute voltage range of VSS - 0.3V to VDD + 0.3V. The full scale differential input range is defined as the absolute value of (IN+) - (IN-). This difference can not exceed the value of VREF - 1 LSB or digital code saturation will occur. 4.2 DGND Ground connection to internal digital circuitry. To ensure accuracy this pin must be connected to the same ground as AGND. If an analog ground plane is available, it is recommended that this device be tied to the analog ground plane in the circuit. See Section 6.6 for more information regarding circuit layout. 4.3 Chip Select/Shutdown (CS/SHDN) The CS/SHDN pin is used to initiate communication with the device when pulled low. This pin will end a con- version and put the device in low power standby when pulled high. The CS/SHDN pin must be pulled high between conversions and cannot be tied low for multi- ple conversions. See Figure 7-2 for serial communica- tion protocol. 4.4 Serial Data Input (DIN) The SPI port serial data input pin is used to clock in input channel configuration data. Data is latched on the rising edge of the clock. See Figure 7-2 for serial com- munication protocol. 4.5 Serial Data Output (DOUT) The SPI serial data output pin is used to shift out the results of the A/D conversion. Data will always change on the falling edge of each clock as the conversion takes place. See Figure 7-2 for serial communication protocol. 4.6 Serial Clock (CLK) The SPI clock pin is used to initiate a conversion and to clock out each bit of the conversion as it takes place. See Section 6.2 for constraints on clock speed. See Figure 7-2 for serial communication protocol. 4.7 AGND Ground connection to internal analog circuitry. To ensure accuracy, this pin must be connected to the same ground as DGND. If an analog ground plane is available, it is recommended that this device be tied to the analog ground plane in the circuit. See Section 6.6 for more information regarding circuit layout. 4.8 Voltage Reference (VREF) This input pin provides the reference voltage for the device, which determines the maximum range of the analog input signal and the LSB size. The LSB size is determined according to the equation shown below. As the reference input is reduced, the LSB size is reduced accordingly. EQUATION When using an external voltage reference device, the system designer should always refer to the manufac- turer’s recommendations for circuit layout. Any instabil- ity in the operation of the reference device will have a direct effect on the accuracy of the ADC conversion results. 4.9 VDD The voltage on this pin can range from 2.7 to 5.5V. To ensure accuracy, a 0.1 µF ceramic bypass capacitor should be placed as close as possible to the pin. See Section 6.6 for more information regarding circuit lay- out. Name Function CH0-CH7 Analog Inputs DGND Digital Ground CS/SHDN Chip Select / Shutdown Input DIN Serial Data In DOUT Serial Data Out CLK Serial Clock AGND Analog Ground VREF Reference Voltage Input VDD +2.7V to 5.5V Power Supply LSB Size = 2 x VREF 8192 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |