Electronic Components Datasheet Search
  English  ▼

X  

3056 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 3056
Description  RF Manual Step Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

3056 Datasheet(HTML) 1 Page - API Technologies Corp

  3056 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax:
301-846-9116 web: www.weinschel
.apitech.com s email: weinschel-sales@apitech.com
138
Revision Date:
08/03/2016
Variable Attenuators
Model 3056
dc to 3.0 GHz
RF Manual Step Attenuator
1 Watt
SMA Connectors
Features
o Rotational Stops Included
o Cost Effective OEM Design - Optimized for Wireless
Communication System Applications.
o Custom Designs Available
Specifications
NOMINAL IMPEDANCE:
50
Ω
FREQUENCY RANGE:
dc to 3.0 GHz
ATTENUATION RANGE/STEPS: 0-10 dB in 1.0 dB steps
TEMPERATURE RANGE: -20 °C to +85 °C
POWER RATING: 1 watt average @ 25°C ambient
temperature, derated linearly to 0.25 watt @ 85°C. 100
watts peak (5
μsec pulse width; 0.5 % duty cycle).
CONNECTOR: SMA female connector per MIL-STD-348
interface dimensions - mate nondestructively with MIL-C-
39012 connector.
SHAFT ROTATION: Clockwise for increasing attenuation
STEP ANGLE: 30.0°
CONSTRUCTION: Machined aluminum body.
Knob is
included with each unit.
WEIGHT:
Net 110 g (4 oz)
NOTE: Minimum quantities apply. Contact factory or local
sales representative for more information.
ATTENUATION ACCURACY (dB):
Frequency (GHz)
Accuracy
dc - 3.0
+ 0.30 dB
MAXIMUM SWR & INSERTION LOSS:
Frequency (GHz)
SWR
Loss (dB)
dc-1.0
1.15
0.15
1.0-2.0
1.20
0.20
2.0-3.0
1.35
0.25
31.8 [1.25]
n
REF.
5.8 [.23]
7.7 [.31]
n
6.3 [.25]
SHAFT
14.0 [.55]
27.9 [1.10]
2X 6-32 UNC-2B
X 6.35[.250] DP
KNOB IS NOT SHOWN
THIS VIEW ONLY
16.8 [.66]
REF.
46.3 [1.82]
9.6 [.38]
13.2 [.52]
15.6 [.62]
9.7 [.38]
38.1 [1.50]
n
2X CONNECTOR
SMA, FEMALE
MATES NON-DESTRUCTIVELY
WITH SMA MALE CONNECTORS
PER MIL-C-39012
NOTE: All dimensions are given in mm (inches) and are maximum, unless otherwise specified.
PHYSICAL DIMENSIONS:
RoHS


Similar Part No. - 3056

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3056 ETC2-3056 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Heyco.
3056 HEYCO-3056 Datasheet
117Kb / 1P
Pry Out Plugs
logo
PHOENIX CONTACT
3056022 PHOENIX-3056022 Datasheet
242Kb / 8P
UK 5-MTK-P/P WH - Knife-disconnect terminal block
3056116 PHOENIX-3056116 Datasheet
93Kb / 4P
RWO 5
logo
Festo Corporation.
3056124 FESTO-3056124 Datasheet
75Kb / 2P
Connecting cable
More results

Similar Description - 3056

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE94302 PSEMI-PE94302 Datasheet
377Kb / 8P
RF Digital Step Attenuator For Rad-Hard Space Applications
PE43704 PSEMI-PE43704_14 Datasheet
1Mb / 20P
UltraCMOS짰 RF Digital Step Attenuator
PE43705 PSEMI-PE43705_14 Datasheet
790Kb / 18P
UltraCMOS짰 RF Digital Step Attenuator
PE4314 PSEMI-PE4314 Datasheet
1Mb / 27P
UltraCMOS RF Digital Step Attenuator, 1 MHz??.5 GHz
PE43711 PSEMI-PE43711 Datasheet
636Kb / 31P
UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
PE43713 PSEMI-PE43713 Datasheet
659Kb / 31P
UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43704 PSEMI-PE43704 Datasheet
1Mb / 20P
RF Digital Step Attenuator, 7-bit
logo
Lightel Technologies IN...
MVOA-0980-30-1-B-0 LIGHTEL-MVOA-0980-30-1-B-0 Datasheet
89Kb / 1P
Manual Adjustable Attenuator
logo
Peregrine Semiconductor
PE4314 PSEMI-PE4314_V01 Datasheet
727Kb / 27P
UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com