Electronic Components Datasheet Search
  English  ▼

X  

MCT62 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCT62
Description  HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MCT62 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCT62 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCT62 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCT62 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISOCOM COMPONENTS LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1YD
Tel: (01429) 863609 Fax :(01429) 863581
7/12/00
DB92012m-AAS/A1
OPTION G
7.62
APPROVALS
l
l
UL recognised, File No. E91231
'X' SPECIFICATION APPROVALS
l
MCT6 -
VDE 0884 in 3 available lead form : -
- STD
- G form
- SMD approved to CECC 00802
MCT61, MCT62, MCT66 -
VDE 0884 approval pending
l
l
EN60950 approval pending
DESCRIPTION
The MCT6, MCT61, MCT62 & MCT66 series
of optically coupled isolators consist of infrared
light emitting diodes and NPN silicon photo
transistors in space efficient dual in line plastic
packages mounted two channels per unit.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
APPLICATIONS
l
Computer terminals
l
Industrial systems controllers
l
Measuring instruments
l
Signal transmission between systems of
different potentials and impedances
HIGH DENSITY
PHOTOTRANSISTOR OPTICALLY
COUPLED ISOLATORS
SURFACE MOUNT
OPTION SM
10.16
0.26
MCT6, MCT61, MCT62, MCT66
10.16
9.16
7.0
6.0
7.62
1.2
13°
Max
0.5
2.54
0.5
0.26
3.0
4.0
3.0
3.35
3
6
4
5
2
7
1
8
Dimensions in mm
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 125°C
Operating Temperature
-55°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Forward Current
50mA
Reverse Voltage
6V
Power Dissipation
70mW
OUTPUT TRANSISTOR
Collector-emitter Voltage BV
CEO
30V
Emitter-collector Voltage BV
ECO
6V
Power Dissipation
150mW
POWER DISSIPATION
Total Power Dissipation
200mW
(derate linearly 2.67mW/°C above 25°C)
ISOCOM INC
1024 S. Greenville Ave, Suite 240,
Allen, TX 75002 USA
Tel:(214)495-0755 Fax:(214)495-0901
e-mail info@isocom.com
http://www.isocom.com
10.46
9.86
0.6
0.1
1.25
0.75


Similar Part No. - MCT62

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT62 QT-MCT62 Datasheet
430Kb / 4P
DUAL PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT62 FAIRCHILD-MCT62 Datasheet
511Kb / 8P
DUAL PHOTOTRANSISTOR OPTOCOUPLERS
MCT62 FAIRCHILD-MCT62 Datasheet
475Kb / 9P
Dual Phototransistor Optocouplers
logo
ON Semiconductor
MCT62 ONSEMI-MCT62 Datasheet
411Kb / 13P
8-Pin Dual Channel Phototransistor Optocouplers
August 2016 Rev.1.6
logo
Fairchild Semiconductor
MCT62.S FAIRCHILD-MCT62.S Datasheet
511Kb / 8P
DUAL PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - MCT62

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS201 ETC-IS201 Datasheet
76Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
IS1 ISOCOM-IS1 Datasheet
78Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TIL191 ISOCOM-TIL191 Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
IS1 ISOCOM-IS1_08 Datasheet
85Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP321-1X ISOCOM-ISP321-1X_08 Datasheet
91Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISQ201 ISOCOM-ISQ201_08 Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ILQ2SMTR ISOCOM-ILQ2SMTR Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISQ74X ISOCOM-ISQ74X Datasheet
85Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP817BXSMT-R ISOCOM-ISP817BXSMT-R Datasheet
82Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com