Electronic Components Datasheet Search
  English  ▼

X  

DS2346 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # DS2346
Description  Silicon MOSFET Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

DS2346 Datasheet(HTML) 1 Page - Advanced Semiconductor

  DS2346 Datasheet HTML 1Page - Advanced Semiconductor DS2346 Datasheet HTML 2Page - Advanced Semiconductor DS2346 Datasheet HTML 3Page - Advanced Semiconductor DS2346 Datasheet HTML 4Page - Advanced Semiconductor DS2346 Datasheet HTML 5Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
!
Silicon MOSFET Technology
Operation from 24V to 50V
High Power Gain
Extreme Ruggedness
Internal Input and Output Matching
Excellent Thermal Stability
All Gold Bonding Scheme
Pb-free and RoHS Compliant
Table 1: Typical RF Performance in broadband text fixture at 25°C temperature with
RF pulse conditions of pulse width = 10 s and pulse duty cycle = 1%.
The high power HVV1012- 50 device is an enhancement mode RF MOSFET power
transistor designed for pulsed applications in the L-Band from 1025MHz to 1150MHz. The
high voltage MOSFET technology produces over
50W of pulsed output power while
offering high gain, high efficiency, and ease of matching with a 50 V supply. The vertical
device structure assures high reliability and ruggedness as the device is specified to
withstand a 20:1 VSWR at all phase angles under full rated output power.
Device Part Number: HVV1012- 50
Evaluation Kit Part Number: HVV1012- 50-EK
ORDERING INFORMATION
DESCRIPTION
TYPICAL PERFORMANCE
FEATURES
REV. A
7525 ETHEL AVENUE NORTH HOLLYWOOD, CA 91605 (818) 982-1200 WWW.ADSEMI.COM
Specifications are subject to change without notice.
MODE
FREQUENCY
VDD
IDQ
Power
GAIN
EFFICIENCY
IRL
(MHz)
(V)
(mA)
(W)
(dB)
(%)
(dB)
Class AB
1150
50
100
250
19.5
48
20:1
2
2
2
2
GE
PACKAGE


Similar Part No. - DS2346

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS23 LUMILEDS-DS23 Datasheet
850Kb / 10P
power light source Highest flux per LED
logo
List of Unclassifed Man...
DS23-23 ETC1-DS23-23 Datasheet
372Kb / 3P
1 AND 2 WATT DC/DC CONVERTERS
logo
MTU Onsite Energy Corpo...
DS230D6S MTU-DS230D6S Datasheet
297Kb / 4P
DIESEL GENERATOR SET
logo
Microsemi Corporation
DS2316 MICROSEMI-DS2316 Datasheet
2Mb / 173P
40MX and 42MX FPGA
logo
Power-One
DS232 POWER-ONE-DS232 Datasheet
147Kb / 4P
100 Watt DC-DC Converters
More results

Similar Description - DS2346

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6665PBF IRF-IRF6665PBF Datasheet
238Kb / 10P
Latest MOSFET Silicon technology
IRF6641PBF IRF-IRF6641PBF Datasheet
447Kb / 10P
Latest MOSFET silicon technology
IRF6643PBF IRF-IRF6643PBF Datasheet
437Kb / 9P
Latest MOSFET silicon technology
IRF6775MPBF IRF-IRF6775MPBF Datasheet
242Kb / 10P
Latest MOSFET Silicon technology
IRF66651PBF IRF-IRF66651PBF Datasheet
238Kb / 10P
Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF_15 Datasheet
437Kb / 9P
Latest MOSFET silicon technology
IRF6665PBF IRF-IRF6665PBF_15 Datasheet
238Kb / 10P
Latest MOSFET Silicon technology
IRF6775MPBF IRF-IRF6775MPBF_15 Datasheet
242Kb / 10P
Latest MOSFET Silicon technology
IRF6785MPBF IRF-IRF6785MPBF_15 Datasheet
609Kb / 9P
Latest MOSFET Silicon technology
logo
Advanced Semiconductor
HVV1011-600 ASI-HVV1011-600 Datasheet
1Mb / 9P
Silicon MOSFET Technology
REV. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com