Electronic Components Datasheet Search
  English  ▼

X  

APL0574-RT Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # APL0574-RT
Description  PLL Synthesizer Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

APL0574-RT Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  APL0574-RT Datasheet HTML 1Page - Advanced Semiconductor Business Inc. APL0574-RT Datasheet HTML 2Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
www.asb.co.kr
June 2010
plerow
TM APL0574-R/T
PLL Synthesizer Module
Parameter
Unit
Min.
Typical
Max.
Frequency Range
MHz
574
Output Power
dBm
3
4
6
Supply Voltage
V
4.8
5.0
5.2
Current Consumption
mA
28
35
2nd Harmonics
dBc
-25
-20
purious Level
dBc
-72
-68
Reference Frequency
MHz
13
Reference Input Level
dBm
0
2
5
Phase Noise (C / N)
@ 1 kHz
-76
-72
@ 10 kHz
-105
-100
@ 100 kHz
dBc/Hz
-120
-115
Output Impedance
50
Operating Temp. Range
C
-30
25
80
Package Type & Size
mm
SMT, 19.0W19.0L5.8H
1) Measurement conditions are as follows: T = 25C, VCC = 5 V, Freq. = 574MHz, 50 ohm system.
2) Frequency stability of internal ref. TCXO is +/- 2.5 ppm (max.) over the operating temperature range.
Features
Specifications
·
4dBm Output Level at 574 MHz
·
2nd Harmonic: <-20 -dBc
·
Spurious Level: < -68dBc
·
Current Consumption: < 35mA
Description
The plerowTM PLL synthesizer module was
designed for use in wireless and wireline
systems in a wide range of frequency from
50 MHz to 6 GHz. ASB’s PLL provides ex-
ceptionally low spurious and phase noise
performance with fast locking time and low
current consumption. All products are avail-
able in a surface-mount type package.
More Information
Website: www.asb.co.kr
E-mail: sales@asb.co.kr
Tel: (82) 42-528-7220
Fax: (82) 42-528-7222
ASB Inc., 4th Fl. Venture Town
Bldg., 367-17 Goijeong-Dong,
Seo-Gu, Daejeon 302-716, Ko-
rea


Similar Part No. - APL0574-RT

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APL0574-R ASB-APL0574-R Datasheet
115Kb / 2P
PLL Synthesizer Module
June 2010
More results

Similar Description - APL0574-RT

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APL0135 ASB-APL0135_13 Datasheet
205Kb / 2P
PLL Synthesizer Module
June 2010
APL0165-R ASB-APL0165-R Datasheet
226Kb / 2P
PLL Synthesizer Module
June 2010
APL0385 ASB-APL0385_13 Datasheet
205Kb / 2P
PLL Synthesizer Module
June 2010
APL0734-R ASB-APL0734-R Datasheet
226Kb / 2P
PLL Synthesizer Module
June 2010
APL0840-R ASB-APL0840-R Datasheet
117Kb / 2P
PLL Synthesizer Module
June 2010
APL0855 ASB-APL0855_13 Datasheet
118Kb / 2P
PLL Synthesizer Module
June 2010
APL0952 ASB-APL0952_13 Datasheet
202Kb / 2P
PLL Synthesizer Module
June 2010
APL1006 ASB-APL1006_13 Datasheet
204Kb / 2P
PLL Synthesizer Module
June 2010
APL1015-T ASB-APL1015-T Datasheet
200Kb / 2P
PLL Synthesizer Module
June 2010
APL1288-R ASB-APL1288-R Datasheet
201Kb / 2P
PLL Synthesizer Module
June 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com