Electronic Components Datasheet Search
  English  ▼

X  

MJB42CT4 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJB42CT4
Description  Complementary Silicon Plastic Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJB42CT4 Datasheet(HTML) 2 Page - ON Semiconductor

  MJB42CT4 Datasheet HTML 1Page - ON Semiconductor MJB42CT4 Datasheet HTML 2Page - ON Semiconductor MJB42CT4 Datasheet HTML 3Page - ON Semiconductor MJB42CT4 Datasheet HTML 4Page - ON Semiconductor MJB42CT4 Datasheet HTML 5Page - ON Semiconductor MJB42CT4 Datasheet HTML 6Page - ON Semiconductor MJB42CT4 Datasheet HTML 7Page - ON Semiconductor MJB42CT4 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MJB41C (NPN), MJB42C (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (Note 3.) (IC = 30 mAdc, IB = 0)
VCEO(sus)
100
–
Vdc
Collector Cutoff Current (VCE = 60 Vdc, IB = 0)
ICEO
–
0.7
mAdc
Collector Cutoff Current (VCE = 100 Vdc, VEB = 0)
ICES
–
100
µAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
–
50
mAdc
ON CHARACTERISTICS (Note 3.)
DC Current Gain (IC = 0.3 Adc, VCE = 4.0 Vdc)
DC Current Gain (IC = 3.0 Adc, VCE = 4.0 Vdc)
hFE
30
15
–
75
–
Collector–Emitter Saturation Voltage (IC = 6.0 Adc, IB = 600 mAdc)
VCE(sat)
–
1.5
Vdc
Base–Emitter On Voltage (IC = 6.0 Adc, VCE = 4.0 Vdc)
VBE(on)
–
2.0
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain – Bandwidth Product
(IC = 500 mAdc, VCE = 10 Vdc, ftest = 1.0 MHz)
fT
3.0
–
MHz
Small–Signal Current Gain
(IC = 0.5 Adc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
20
–
–
3. Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.
Figure 1. Power Derating
T, TEMPERATURE (°C)
0
100
0
20
160
40
60
60
80
40
140
80
Figure 2. Switching Time Test Circuit
0.06
Figure 3. Turn–On Time
IC, COLLECTOR CURRENT (AMP)
0.02
0.4
6.0
0.07
1.0
4.0
TJ = 25°C
VCC = 30 V
IC/IB = 10
0.5
0.3
0.1
0.05
0.1
0.6
1.0
td @ VBE(off) ≈ 5.0 V
0.03
0.7
2.0
0.2
2.0
tr
20
120
TC
TC
0
1.0
2.0
3.0
4.0
TA
TA
+11 V
25 µs
0
-9.0 V
RB
-4 V
D1
SCOPE
VCC
+30 V
RC
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1 MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
0.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com