Electronic Components Datasheet Search
  English  ▼

X  

MM74HC4016 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC4016
Description  Quad Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC4016 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM74HC4016 Datasheet HTML 1Page - National Semiconductor (TI) MM74HC4016 Datasheet HTML 2Page - National Semiconductor (TI) MM74HC4016 Datasheet HTML 3Page - National Semiconductor (TI) MM74HC4016 Datasheet HTML 4Page - National Semiconductor (TI) MM74HC4016 Datasheet HTML 5Page - National Semiconductor (TI) MM74HC4016 Datasheet HTML 6Page - National Semiconductor (TI) MM74HC4016 Datasheet HTML 7Page - National Semiconductor (TI) MM74HC4016 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AC Electrical Characteristics VCC e 20V–120V CL e 50 pF (unless otherwise specified) (Notes 6 and 7)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C Units
Typ
Guaranteed Limits
tPHL tPLH Maximum Propagation
20V
25
50
62
75
ns
Delay Switch In to
45V
5
10
13
15
ns
Out
90V
4
8
12
14
ns
120V
3
7
11
13
ns
tPZL tPZH Maximum Switch Turn
RLe1kX
20V
32
100
125
150
ns
‘‘ON’’ Delay
45V
8
20
25
30
ns
90V
6
12
15
18
ns
120V
5
10
13
15
ns
tPHZ tPLZ Maximum Switch Turn
RL e 1kX
20V
45
168
210
252
ns
‘‘OFF’’ Delay
45V
15
36
45
54
ns
90V
10
32
40
48
ns
120V
8
30
38
45
ns
Minimum Frequency
RL e 600X VIS e 2VPP
45V
40
MHz
Response (Figure 7)
at (VCC 2)
90V
100
MHz
20 log (VOS VIS) eb3 dB (Notes67)
Control to Switch
RL e 600X F e 1 MHz
45V
100
mV
Feedthrough Noise
CL e 50 pF
90V
250
mV
(Figure 8)
(Notes78)
Crosstalk Between
RL e 600X F e 1 MHz
any Two Switches
45V
b
52
dB
(Figure 9)
90V
b
50
dB
Switch OFF Signal
RL e 600X F e 1 MHz
Feedthrough
VCTL e VIL
Isolation
(Notes78)
45V
b
42
dB
(Figure 10)
90V
b
44
dB
THD
Sinewave Harmonic
RL e 10 kX CL e 50 pF
Distortion
F e 1 kHz
(Figure 11)
VIS e 4VPP 45V 0013
%
VIS e 8VPP 90V 0008
%
CIN
Maximum Control
5
10
10
10
pF
Input Capacitance
CIN
Maximum Switch
15
pF
Input Capacitance
CIN
Maximum Feedthrough
VCTLeGND
5
pF
Capacitance
CPD
Power Dissipation
(per switch)
15
pF
Capacitance
Note 6
Adjust 0 dBm for F e 1 kHz (Null RL RON Attenuation)
Note 7
VIS is centered at VCC 2
Note 8
Adjust input for 0 dBm
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com