Electronic Components Datasheet Search
  English  ▼

X  

RFAM3620 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # RFAM3620
Description  CATV Edge QAM MCM 1218MHz 36dB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

RFAM3620 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  RFAM3620 Datasheet HTML 1Page - TriQuint Semiconductor RFAM3620 Datasheet HTML 2Page - TriQuint Semiconductor RFAM3620 Datasheet HTML 3Page - TriQuint Semiconductor RFAM3620 Datasheet HTML 4Page - TriQuint Semiconductor RFAM3620 Datasheet HTML 5Page - TriQuint Semiconductor RFAM3620 Datasheet HTML 6Page - TriQuint Semiconductor RFAM3620 Datasheet HTML 7Page - TriQuint Semiconductor RFAM3620 Datasheet HTML 8Page - TriQuint Semiconductor RFAM3620 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RFAM3620
Data Sheet Rev.F, June 7, 2017 | Subject to change without notice
2 of 10
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Value / Range
DC Supply over-voltage (5 minutes)
+14 V
Storage Temperature
−40 to 100 °C
Operating Mounting Base Temperature
−30 to 100 °C
Moisture Sensitivity Level
IPC/JEDEC J-STD-20
MSL 3 @ 260 °C
Operation of this device outside the parameter ranges given above may
cause permanent damage.
Electrical Specifications – part 1
Parameter
Conditions (V+=12V, TMB=30°C, ZS=ZL=75Ω, ATT=0dB)
Min
Typ
Max
Units
Operational Frequency Range
–
45
–
1218
MHz
Current (IDD)
–
510
550
mA
Gain
fo = 45 MHz
35.5
dB
Gain
fo = 1218 MHz
36.0
37.0
38.0
Gain Slope
45 to 1218 MHz [1]
0.5
1.0
2.5
Gain Flatness
45 to 1218 MHz
0.5
1.0
Input Return Loss
fo= 45 to 160 MHz
18
–
dB
fo= 160 to 1003 MHz
15
–
fo= 1003 to 1218 MHz
15
–
Output Return Loss
fo= 45 to 160 MHz
18
–
dB
fo= 160 to 1003 MHz
15
–
fo= 1003 to 1218 MHz
15
–
Noise Figure
fo= 50 to 1218 MHz
–
3.0
5.0
dB
Attenuator Range
Attenuator Voltage 0V to 12V
0 - 20
dB
Power Enable/Disable
Logic high (3.3V) applied to power enable pin [2]
Amp
enabled
Power Enable/Disable
Logic low (0V) applied to power enable pin [3]
Amp
disabled
Thermal Resistance
Junction to Mounting Base
6.5
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com