Electronic Components Datasheet Search
  English  ▼

X  

M7006 Datasheet(PDF) 1 Page - API Technologies Corp

Part # M7006
Description  Rugged SMA Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

M7006 Datasheet(HTML) 1 Page - API Technologies Corp

  M7006 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
173
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax: 301-846-9116
web: www.weinschel
.apitech.com s email: weinschel-sales@apitech.com
Revision Date:
09/01/2016
DC Blocks
Model 7006
9 kHz to 26.5 GHz
Inside DC Block
Rugged SMA Connectors
DIMENSION “A” NOM
SMA FEMALE
SMA MALE
9.81
(0.38)
NOM
SCHEMATIC DIAGRAM:
Features
Aeroflex / Weinschel Inside dc Block contains capacitance
in-series with the center conductor to prevent the flow of dc
current, while permitting RF power to flow without interrup-
tion.
o Low SWR - Maximum SWR remains low through full
frequency and power range.
o Rugged Construction - Aeroflex / Weinschel semi-
precision Type N and SMA stainless steel connectors.
Molded captive inner contact/bead assembly provides
controlled and stable interface dimensions.
Specifications
NOMINAL IMPEDANCE: 50
Ω
FREQUENCY RANGE:
9 kHz to 26.5 GHz
INSERTION LOSS:
0.8 dB maximum*
VOLTAGE RATING: +50 Vdc maximum
POWER RATING: 20 Watts (average), 100 Watts
(peak)
TEMPERATURE RANGE: -20 °C to +80 °C (operating)
-20 °C to +100 °C (storage)
TEST DATA: Test data is available at additional cost.
MAXIMUM SWR:
Frequency (GHz)
7006*
9 - 20 kHz
1.50
20 kHz - 20
1.35
20 - 26.5
1.70
* Source & load SWR of test system is <1.2.
CONNECTORS: SMA connectors per MIL-STD-348 inter-
face dimensions - mate nondestructively with MIL-C-39012
connectors. Standard unit has one male and one female
connector. Add Prefix M for double male and F for double
female connectors.
CONSTRUCTION: Stainless steel body and connectors;
gold plated beryllium copper contacts
WEIGHT:
Net: 4 g (0.14 oz)
PHYSICAL DIMENSIONS:
NOTE:
All dimensions are given in mm (inches) and are
maximum, unless otherwise specified.
Model #
DIM A
Connector Type
7006
36.32 (1.43)
male-female
F7006
33.53 (1.32)
female-female
M7006
35.05 (1.38)
male-male
1
μf


Similar Part No. - M7006

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
M7006-1 APITECH-M7006-1 Datasheet
499Kb / 1P
Inside DC Block
More results

Similar Description - M7006

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
910A104F WINCHESTER-910A104F Datasheet
215Kb / 1P
SMA Connectors
910A204M WINCHESTER-910A204M Datasheet
125Kb / 2P
SMA Connectors
916A524 WINCHESTER-916A524 Datasheet
159Kb / 12P
SMA Connectors
926A515 WINCHESTER-926A515 Datasheet
291Kb / 1P
SMA Connectors
961A514 WINCHESTER-961A514 Datasheet
75Kb / 2P
SMA Connectors
logo
Dow-Key Microwave Corpo...
411CJW-420832 DOW-KEY-411CJW-420832 Datasheet
155Kb / 3P
SMA-FEMALE CONNECTORS
461JLW-4208 DOW-KEY-461JLW-4208 Datasheet
158Kb / 3P
SMA-FEMALE CONNECTORS
521U-2208 DOW-KEY-521U-2208 Datasheet
224Kb / 3P
SMA-FEMALE CONNECTORS
581JW-420822 DOW-KEY-581JW-420822 Datasheet
154Kb / 3P
SMA-FEMALE CONNECTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com