Electronic Components Datasheet Search
  English  ▼

X  

MM8006 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MM8006
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MM8006 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MM8006 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
NONE
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 3.0 mA
10
V
BVCBO
IC = 1.0
µA
15
V
ICBO
VCB = 15 V
VCB = 15 V
TA = 150 °C
0.01
1.0
µµµµA
BVEBO
IE = 10
µA
3.0
V
hFE
VCE = 1.0 V
IC = 1.0 mA
25
---
VCE(SAT)
IC = 10 mA
IB = 1.0 mA
0.4
V
VBE(SAT)
IC = 10 mA
IB = 1.0 mA
1.0
V
ft
VCE = 10 V
IC = 4.0 mA
f = 100 MHz
1000
MHz
Cob
VCB = 0 V
f = 140 KHz
VCB = 10 V
f = 140 KHz
3.0
1.7
pF
Cib
VEB = 0.5 V
f = 140 KHz
2.0
pF
NF
VCE = 6.0 V
IC = 1.0 mA
f = 60 MHz
6.0
dB
Gpe
VCB = 12 V
IC = 6.0 mA
f = 200 MHz
15
dB
Pout
ηηηη
VCB = 15 V
IC = 8.0 mA
f = 500 MHz
30
25
mW
%
NPN SILICON HIGH FREQUENCY TRANSISTOR
MM8006
DESCRIPTION:
The
ASI MM8006 is Designed for
High Frequency Low Noise Amplifier
and Oscillator Applications.
MAXIMUM RATINGS
IC
50 mA
VCBO
15 V
PDISS
600 mW @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +200 °C
PACKAGE STYLE TO-72
1 = EMITTER
2 = BASE
3 = COLLECTOR
4 = CASE


Similar Part No. - MM8006

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MM8006 NJSEMI-MM8006 Datasheet
124Kb / 2P
NPN SILICON RF SMALL-SIGNAL TRANSISTORS
More results

Similar Description - MM8006

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
REV. A
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA810T CEL-UPA810T Datasheet
207Kb / 3P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
MRF586 ASI-MRF586 Datasheet
17Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6376 NJSEMI-2N6376 Datasheet
117Kb / 1P
NPN SILICON HIGH-FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA801T CEL-UPA801T_09 Datasheet
462Kb / 7P
NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA802T CEL-UPA802T_09 Datasheet
606Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM5943 CENTRAL-CM5943_15 Datasheet
97Kb / 2P
NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com