Electronic Components Datasheet Search
  English  ▼

X  

7012 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 7012
Description  Inside/Outside DC Block
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

7012 Datasheet(HTML) 1 Page - API Technologies Corp

  7012 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
175
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax: 301-846-9116
web: www
.weinschel.apitech.com s email: weinschel-sales@apitech.com
Revision Date:
08/02/2016
DC Blocks
Model 7012
500 MHz to 8.6 GHz
Inside/Outside DC Block
Rugged SMA Connectors
SCHEMATIC DIAGRAM:
Features
Aeroflex / Weinschel Inside/Outside dc Block contains
capacitance in-series with the center conductor to prevent
the flow of dc current, while permitting RF power to flow
without interruption.
o Low SWR - Maximum SWR remains low through full
frequency and power range.
o Rugged Construction - Aeroflex / Weinschel semi-
precision SMA stainless steel connectors.
Specifications
NOMINAL IMPEDANCE: 50
Ω
FREQUENCY RANGE: 500 MHz to 8.6 GHz
BREAKDOWN VOLTAGE: + 200 Vdc between any of the
four connectors
MAXIMUM SWR:
Frequency (GHz)
SWR
500 MHz - 8.6 GHz
1.25
INSERTION LOSS (dB maximum):
Frequency (GHz)
Loss
500 MHz - 8.6 GHz
0.4
DC RESISTANCE:
20 M
Ω minimum between any four
connectors
POWER RATING: 10 Watts peak or CW
CONNECTORS: SMA connectors per MIL-STD-348 inter-
face dimensions - mate nondestructively with MIL-C-39012
connectors. Standard unit has one male and one female
connector.
CONSTRUCTION: Stainless steel body and connectors;
gold plated beryllium copper contacts
WEIGHT: Net: 4.6 g (0.16 oz)
PHYSICAL DIMENSIONS:
RoHS
NOTE:
All dimensions are given in mm (inches) and are maximum,
unless otherwise specified.


Similar Part No. - 7012

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7012 BOURNS-7012 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
ASM GmbH
7012 ASM-SENSOR-7012 Datasheet
1Mb / 4P
DC-PROZESSKALIBRATOR
logo
Heyco.
7012 HEYCO-7012 Datasheet
132Kb / 1P
Male Pins
logo
Christian Bürkert GmbH ...
7012 BURKERT-7012 Datasheet
1Mb / 26P
Direct-acting 3/2-way plunger valve
08.02.2024
logo
Wiha Tools
7012 WIHA-7012 Datasheet
1Mb / 4P
Wiha Torque Product Range. The Brilliant Torque Screwdrivers.
More results

Similar Description - 7012

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SL180R712 AMETHERM-SL180R712 Datasheet
158Kb / 1P
Inside Kinked Leads Outside Kinked Leads
SL182R508 AMETHERM-SL182R508 Datasheet
169Kb / 1P
Inside Kinked Leads Outside Kinked Leads
SL185R006 AMETHERM-SL185R006 Datasheet
167Kb / 1P
Inside Kinked Leads Outside Kinked Leads
SL0510001 AMETHERM-SL0510001 Datasheet
29Kb / 1P
Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0520002 AMETHERM-SL0520002 Datasheet
29Kb / 1P
Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0860002 AMETHERM-SL0860002 Datasheet
30Kb / 1P
Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0880003 AMETHERM-SL0880003 Datasheet
45Kb / 1P
Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
logo
API Technologies Corp
7003 APITECH-7003 Datasheet
488Kb / 1P
Inside DC Block
7006-1 APITECH-7006-1 Datasheet
499Kb / 1P
Inside DC Block
logo
List of Unclassifed Man...
BMP21-PLUS ETC-BMP21-PLUS Datasheet
308Kb / 2P
Tough on the Outside. Smart on the Inside.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com