Electronic Components Datasheet Search
  English  ▼

X  

FWZ5VT Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # FWZ5VT
Description  Ultra Low Capacitance ESD array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FWZ5VT Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  FWZ5VT Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FWZ5VT Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FWZ5VT Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FWZ5VT
Ultra Low Capacitance ESD array
Applications
●
Personnal Digital Assistance
●
Wireless System
●
DVI
●
High Speed Data Line
●
Ethernet
●
USB interfaces(2.0)
Feature
●
Max working voltage:5V
●
ESD Protection:Level 4
●
Low clamping voltage
●
Protection one Hi-speed Data Line.
●
Ultra low capacitance:1.5pf max.(any I/O to GND.)
SOT23
IEC Compatibility
●
EN61000-4
●
61000-4-2(ESD):
Level 4,Contact:±8kv,Air::±15kv
●
61000-4-4(EFT):40A-5/50ns
●
61000-4-5(Surge):5A,8/20us
Mechanical Characteristics
●
Molded JEDEC SOT23 package
●
Packging:Tape and Reel
●
Flammability rating UL 94V-0
●
Halgen Free
Device Characteristics
Maximum Ratings@25 unless otherwise specified
Parameter
Symbol
Value
Units
Reverse standoff voltage
VRWM
5.5
V
Operating Temperature
TJ
-55~150
℃
Storage Temperature
TSTG
-55~150
℃
E1506F4C-STD-FW-001
Futurewafer Tech Co., Ltd


Similar Description - FWZ5VT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD5V3U4U-HDMI INFINEON-ESD5V3U4U-HDMI_08 Datasheet
576Kb / 7P
Ultra-Low Capacitance ESD Array
2008-10-29
ESD5V3U2U INFINEON-ESD5V3U2U Datasheet
558Kb / 8P
Ultra-Low Capacitance ESD Diode Array
2008-09-04
logo
NXP Semiconductors
NUP1301U115 PHILIPS-NUP1301U115 Datasheet
138Kb / 14P
Ultra low capacitance ESD protection array
Rev. 1-28 January 2011
logo
FutureWafer Tech Co.,Lt...
FESD05LVCA-1PF FUTUREWAFER-FESD05LVCA-1PF Datasheet
1Mb / 6P
Ultra Low Capacitance ESD array
FSRV05-4-3PF FUTUREWAFER-FSRV05-4-3PF Datasheet
972Kb / 5P
Ultra Low Capacitance ESD array
FW4120LC-0.3PF FUTUREWAFER-FW4120LC-0.3PF Datasheet
848Kb / 5P
Ultra Low Capacitance ESD array
FESD05LVCA FUTUREWAFER-FESD05LVCA Datasheet
1Mb / 6P
Ultra Low Capacitance ESD array
FSRV05-4 FUTUREWAFER-FSRV05-4 Datasheet
972Kb / 5P
Ultra Low Capacitance ESD array
FDA0560T FUTUREWAFER-FDA0560T Datasheet
1Mb / 11P
Ultra Low Capacitance ESD Array
FSRV3.3-4 FUTUREWAFER-FSRV3.3-4 Datasheet
936Kb / 6P
Ultra Low Capacitance ESD array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com