Electronic Components Datasheet Search
  English  ▼

X  

54AC258 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC258
Description  Quad 2 Input Multiplexer With TRI - STATE Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC258 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54AC258 Datasheet HTML 1Page - National Semiconductor (TI) 54AC258 Datasheet HTML 2Page - National Semiconductor (TI) 54AC258 Datasheet HTML 3Page - National Semiconductor (TI) 54AC258 Datasheet HTML 4Page - National Semiconductor (TI) 54AC258 Datasheet HTML 5Page - National Semiconductor (TI) 54AC258 Datasheet HTML 6Page - National Semiconductor (TI) 54AC258 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MN54AC258-X REV 1B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
VCC 3.0V to 5.5V, Temperature Range: -55C to 125C.
NOTE: -55C TEMPERATURE, SUBGROUP 3 IS GUARANTEED
BUT NOT TESTED.
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
IIH
High Level Input
Current
VCC=5.5V, VM=5.5V, VINL=0.0V
1, 2 INPUTS
0.1
uA
1
1, 2 INPUTS
1.0
uA
2, 3
IIL
Low Level Input
Current
VCC=5.5V, VM=0.0V, VINH=5.5V
1, 2 INPUTS
-0.1
uA
1
1, 2 INPUTS
-1.0
uA
2, 3
VOL
Low level output
voltage
VCC=3.0V, VIH=2.1V, VIL=0.9V,
IOL=12.0mA
1, 2 OUTPUTS
.36
V
1
1, 2 OUTPUTS
.50
V
2, 3
VCC=3.0V, VIH=2.1V, VIL=0.9V,
IOL=50.0uA
1, 2 OUTPUTS
.10
V
1, 2,
3
VCC=4.5V, VIH=3.15V, VIL=1.35V,
IOL=50.0uA
1, 2 OUTPUTS
.10
V
1, 2,
3
VCC=5.5V, VIH=3.85V, VIL=1.65V,
IOL=24.0mA
1, 2 OUTPUTS
.36
V
1
1, 2 OUTPUTS
.50
V
2, 3
VCC=5.5V, VIH=3.85V, VIL=1.65V,
IOL=50.0uA
1, 2 OUTPUTS
.10
V
1, 2,
3
VCC=4.5V, VIH=3.15V, VIL=1.35V,
IOL=24.0mA
1, 2 OUTPUTS
.36
V
1
1, 2 OUTPUTS
.50
V
2, 3
VIOL
Dynamic output
current LOW
VCC=5.5V, VINH=3.85V, VIL=1.65V,
IOL=50.0mA,
1,
2, 5
OUTPUTS
1.65
V
1, 2,
3
VOH
High level output
voltage
VCC=3.0V, VIH=2.1V, VIL=0.9V,
IOH=-50.0uA
1, 2 OUTPUTS 2.90
V
1, 2,
3
VCC=3.0V, VIH=2.1V, VIL=0.9V,
IOH=-12.0mA
1, 2 OUTPUTS 2.56
V
1
1, 2 OUTPUTS 2.40
V
2, 3
VCC=5.5V, VIH=3.85V, VIL=1.65V,
IOH=-24.0mA
1, 2 OUTPUTS 4.86
V
1
1, 2 OUTPUTS 4.70
V
2, 3
VCC=4.5V, VIH=3.15V, VIL=1.35V,
IOH=-24.0mA
1, 2 OUTPUTS 3.86
V
1
1, 2 OUTPUTS 3.70
V
2, 3
VCC=4.5V, VIH=3.15V, VIL=1.35V,
IOH=-50.0uA
1, 2 OUTPUTS 4.40
V
1, 2,
3
VCC=5.5V, VIH=3.85V, VIL=1.65V,
IOH=-50.0uA
1, 2 OUTPUTS 5.40
V
1, 2,
3
VIOH
Dynamic output
current HIGH
VCC=5.5V, VIH=5.5V, VIL=1.65V,
IOH = -50mA
1,
2, 5
OUTPUTS 3.85
V
1, 2,
3
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com