Electronic Components Datasheet Search
  English  ▼

X  

UD320 Datasheet(PDF) 1 Page - A-Data Technology

Part # UD320
Description  microUSB adaptor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

UD320 Datasheet(HTML) 1 Page - A-Data Technology

  UD320 Datasheet HTML 1Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.adata-group.com
DashDrive Durable UD320
USB OTG (On-the-Go) Flash Drive
Features
●
microUSB adaptor
●
Connects to OTG supported smartphones & tablets
●
Mini COB construction
●
Jewel-like faceted cap
Specifications
Ordering Information
●
Interface: USB 2.0
●
Capacity: 16/32GB
●
Size: 40 x 15 x 8mm (1.6 x 0.6 x 0.3in)
●
Weight: 8g (0.3oz)
●
Warranty: Lifetime
●
Color: Black
USB Flash drives are indispensible for their convenience and speed, but have traditionally been limited to connecting
to hosts such as desktop, laptop, and tablet computers. The UD320’s microUSB adaptor allows for connection with
smartphones and tablets that support USB On-the-Go. When not using the adaptor, the UD320 can also connect to
standard USB ports, facilitating data transfer between your device and your computer.
Capacity
EAN Code
ADATA Part No.
16GB
4713435798423
AUD320-16G-CBK
32GB
4713435798430
AUD320-32G-CBK


Similar Part No. - UD320

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
UD32121G-AG6-R UTC-UD32121G-AG6-R Datasheet
202Kb / 5P
1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
UD32121L-AG6-R UTC-UD32121L-AG6-R Datasheet
202Kb / 5P
1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
More results

Similar Description - UD320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UUSB-PA5 ETC2-UUSB-PA5 Datasheet
618Kb / 7P
microUSB Programming Adaptor
logo
Rosenberger Hochfrequen...
03K105-K00S3 ROSENBERGER-03K105-K00S3 Datasheet
76Kb / 2P
ADAPTOR
03K107-P00S3 ROSENBERGER-03K107-P00S3 Datasheet
88Kb / 2P
ADAPTOR
03KR107-P0AS3 ROSENBERGER-03KR107-P0AS3 Datasheet
192Kb / 2P
ADAPTOR
05S107-P00S3 ROSENBERGER-05S107-P00S3 Datasheet
85Kb / 2P
ADAPTOR
02KR105-K0AS3 ROSENBERGER-02KR105-K0AS3 Datasheet
53Kb / 2P
ADAPTOR
05K432-K00S3 ROSENBERGER-05K432-K00S3 Datasheet
92Kb / 2P
ADAPTOR
32S156-K00L5 ROSENBERGER-32S156-K00L5 Datasheet
329Kb / 2P
ADAPTOR
59K132-K00L5 ROSENBERGER-59K132-K00L5 Datasheet
39Kb / 2P
ADAPTOR
logo
IOGEAR
GKB632BKIT-GAMU01 IOGEAR-GKB632BKIT-GAMU01 Datasheet
214Kb / 2P
Slim Mobile Keyboard with Stand and Reversible MicroUSB Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com